Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny24-20SSU Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATtiny24-20SSU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20SSU Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATtiny24-20SSU Datasheet HTML 16Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 17Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 18Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 19Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 20Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 21Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 22Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 23Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 236 page
background image
20
8006H–AVR–10/09
ATtiny24/44/84
be used. If a reset occurs while a write operation is in progress, the write operation will be com-
pleted provided that the power supply voltage is sufficient.
5.4
I/O Memory
The I/O space definition of the ATtiny24/44/84 is shown in “Register Summary” on page 213.
All ATtiny24/44/84 I/Os and peripherals are placed in the I/O space. All I/O locations may be
accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data between the 32
general purpose working registers and the I/O space. I/O Registers within the address range
0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the
value of single bits can be checked by using the SBIS and SBIC instructions. See the instruction
set section for more details. When using the I/O specific commands IN and OUT, the I/O
addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD
and ST instructions, 0x20 must be added to these addresses.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the Status Flags are cleared by writing a logical one to them. Note that CBI and SBI
instructions will only operate on the specified bit, and can therefore be used on registers contain-
ing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only.
The I/O and Peripherals Control Registers are explained in later sections.
5.4.1
General Purpose I/O Registers
The ATtiny24/44/84 contains three General Purpose I/O Registers. These registers can be used
for storing any information, and they are particularly useful for storing global variables and status
flags. General Purpose I/O Registers within the address range 0x00 - 0x1F are directly bit-
accessible using the SBI, CBI, SBIS, and SBIC instructions.
5.5
Register Description
5.5.1
EEARH – EEPROM Address Register
• Bits 7..1 – Res: Reserved Bits
These bits are reserved and will always read as zero.
• Bit 0 – EEAR8: EEPROM Address
This is the most significant EEPROM address bit of ATtiny84. In devices with less EEPROM, i.e.
ATtiny24/ATtiny44, this bit is reserved and will always read zero. The initial value of the
EEPROM Address Register (EEAR) is undefined and a proper value must therefore be written
before the EEPROM is accessed.
Bit
765
432
10
0x1F (0x3F)
–––
–––
–
EEAR8
EEARH
Read/Write
RR
RRR
RR
R/W
Initial Value
0
0
0
0
0
0
0
X/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com