Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny24-20SSU Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATtiny24-20SSU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20SSU Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATtiny24-20SSU Datasheet HTML 14Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 15Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 16Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 17Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 18Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 19Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 20Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 21Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 236 page
background image
18
8006H–AVR–10/09
ATtiny24/44/84
The calibrated Oscillator is used to time the EEPROM accesses. Make sure the Oscillator fre-
quency is within the requirements described in “OSCCAL – Oscillator Calibration Register” on
page 30.
5.3.6
Program Examples
The following code examples show one assembly and one C function for erase, write, or atomic
write of the EEPROM. The examples assume that interrupts are controlled (e.g., by disabling
interrupts globally) so that no interrupts will occur during execution of these functions.
Note:
See “Code Examples” on page 6.
Assembly Code Example
EEPROM_write:
; Wait for completion of previous write
sbic
EECR, EEPE
rjmp
EEPROM_write
; Set Programming mode
ldi
r16, (0<<EEPM1)|(0<<EEPM0)
out
EECR, r16
; Set up address (r18:r17) in address registers
out
EEARH, r18
out
EEARL, r17
; Write data (r19) to data register
out
EEDR, r19
; Write logical one to EEMPE
sbi
EECR, EEMPE
; Start eeprom write by setting EEPE
sbi
EECR, EEPE
ret
C Code Example
void
EEPROM_write(unsigned int ucAddress, unsigned char ucData)
{
/* Wait for completion of previous write */
while(EECR & (1<<EEPE))
;
/* Set Programming mode */
EECR = (0<<EEPM1)|(0<<EEPM0)
/* Set up address and data registers */
EEAR = ucAddress;
EEDR = ucData;
/* Write logical one to EEMPE */
EECR |= (1<<EEMPE);
/* Start eeprom write by setting EEPE */
EECR |= (1<<EEPE);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com