Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny24-20SSU Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATtiny24-20SSU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20SSU Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATtiny24-20SSU Datasheet HTML 21Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 22Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 23Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 24Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 25Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 26Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 27Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 28Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 236 page
background image
25
8006H–AVR–10/09
ATtiny24/44/84
6.1.2
I/O Clock – clk
I/O
The I/O clock is used by the majority of the I/O modules, like Timer/Counter. The I/O clock is
also used by the External Interrupt module, but note that some external interrupts are detected
by asynchronous logic, allowing such interrupts to be detected even if the I/O clock is halted.
6.1.3
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simul-
taneously with the CPU clock.
6.1.4
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
6.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed and “0” means programmed.
The various choices for each clocking option is given in the following sections. When the CPU
wakes up from Power-down the selected clock source is used to time the start-up, ensuring sta-
ble Oscillator operation before instruction execution starts. When the CPU starts from reset,
there is an additional delay allowing the power to reach a stable level before commencing nor-
mal operation. The Watchdog Oscillator is used for timing this real-time part of the start-up time.
The number of WDT Oscillator cycles used for each time-out is shown in Table 6-2.
Table 6-1.
Device Clocking Options Select
Device Clocking Option
CKSEL3:0
(1)
External Clock (see page 26)
0000
Reserved
0001
Calibrated Internal 8 MHz Oscillator (see page 26)
0010
Reserved
0011
Internal 128 kHz Oscillator (see page 27)
0100
Reserved
0101
Low-Frequency Crystal Oscillator (see page 28)
0110
Reserved
0111
Crystal Oscillator / Ceramic Resonator (see page 28)
1000-1111
Table 6-2.
Number of Watchdog Oscillator Cycles
Typ Time-out
Number of Cycles
4 ms
512
64 ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com