Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R37V Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 68Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 69Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 70Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 71Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 72Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 73Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
HT45R37V
Rev. 1.00
70
October 20, 2009
Power Down Mode and Wake-up
Executing the HALT Instruction
If the device is running in the Normal Mode and the
HALT instruction is executed then the system clock will
stop to conserve power. Depending upon the condition
of the IDLEN bit in the CLKMOD register, the system
will enter either the Sleep or Idle Mode. In these Modes
the system clock will stop running to conserve power,
however as either the 32K_INT or the external 32KHz
oscillator may continue to operate, certain internal func-
tions may remain operational.
When the HALT instruction is executed in the Normal
Mode, the following will occur:
· The system oscillator will stop running.
· The system will enter either the Sleep or Idle Mode.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT clock source is selected to come from the
32K_INT or external 32KHz oscillator. The WDT will
stop if its clock source originates from the system
clock.
· The I/O ports will maintain their present condition.
· In the status register, the Power Down flag, PDF, will
be set and the Watchdog time-out flag, TO, will be
cleared.
Standby Current Considerations
As the main reason for entering the Sleep or Idle Mode
is to keep the current consumption of the MCU to as low
a value as possible, perhaps only in the order of several
micro-amps, there are other considerations which must
also be taken into account by the circuit designer if the
power consumption is to be minimized. Special atten-
tion must be made to the I/O pins on the device. All
high-impedance input pins must be connected to either
a fixed high or low level as any floating input pins could
create internal oscillations and result in increased cur-
rent consumption. This also applies to devices which
have different package types, as there may be
unbonbed pins, which must either be setup as outputs
or if setup as inputs must have pull-high resistors
connected. Care must also be taken with the loads,
which are connected to I/O pins, which are setup as out-
puts. These should be placed in a condition in which
minimum current is drawn or connected only to external
circuits that do not draw current, such as other CMOS
inputs. Also note that additional standby current will also
be required if the configuration options have enabled the
Watchdog Timer internal oscillator.
Wake-up
After the system enters the Sleep or Idle Mode, it can be
woken up from one of various sources listed as follows:
· An external reset
· An external falling edge on Port A
· A system interrupt
· A WDT overflow
If the system is woken up by an external reset, the de-
vice will experience a full system reset, however, if the
device is woken up by a WDT overflow, a Watchdog
Timer reset will be initiated. Although both of these
wake-up methods will initiate a reset operation, the ac-
tual source of the wake-up can be determined by exam-
ining the TO and PDF flags. The PDF flag is cleared by a
system power-up or executing the clear Watchdog
Timer instructions and is set when executing the
²HALT²
instruction. The TO flag is set if a WDT time-out occurs,
and causes a wake-up that only resets the Program
Counter and Stack Pointer, the other flags remain in
their original status.
Each pin on Port A can be setup, using the PAWU regis-
ter, to permit a negative transition on the pin to wake-up
the system. When a Port A pin wake-up occurs, the pro-
gram will resume execution at the instruction following
the
²HALT² instruction.
If the system is woken up by an interrupt, then two possi-
ble situations may occur. The first is where the related
interrupt is disabled or the interrupt is enabled but the
stack is full, in which case the program will resume exe-
cution at the instruction following the
²HALT² instruction.
In this situation, the interrupt which woke-up the device
will not be immediately serviced, but will rather be ser-
viced later when the related interrupt is finally enabled or
when a stack level becomes free. The other situation is
where the related interrupt is enabled and the stack is
not full, in which case the regular interrupt response
takes place. If an interrupt request flag is set to
²1² be-
fore entering the Sleep or Idle Mode, the wake-up func-
tion of the related interrupt will be disabled.
No matter what the source of the wake-up event is, once
a wake-up situation occurs, a time period equal to tSST
system clock periods will be required before normal sys-
tem operation resumes. However, if the wake-up has
originated due to an interrupt, the actual interrupt sub-
routine execution will be delayed by an additional one or
more cycles. If the wake-up results in the execution of
the next instruction following the
²HALT² instruction, this
will be executed immediately after the tSST system clock
period delay has ended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com