Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R37V Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
HT45R37V
Rev. 1.00
14
October 20, 2009
· Location 010H
This internal vector is used by the Timer/Event Coun-
ter 1. If a Timer/Event Counter 1 overflow occurs, the
program will jump to this location and begin execution
if the timer/event counter interrupt is enabled and the
stack is not full.
· Location 014H
This internal vector is used by the Multi-function Inter-
rupt 0. The Multi-function Interrupt 0 vector is shared
by the SPI/I
2C and the C/R to F converter interrupt.
When an interrupt signal is generated, the program
will jump to this location and begin execution if the in-
terrupt is enabled and the stack is not full.
· Location 018H
This internal vector is used by the Multi-function Inter-
rupt 1. The Multi-function Interrupt 1 vector is shared
by the Real Time Clock interrupt and Time Base inter-
rupt, A/D converter interrupt. When a interrupt signal
is generated, the program will jump to this location
and begin execution if the interrupt is enabled and the
stack is not full.
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, the table pointer must
first be setup by placing the lower order address of the
look up data to be retrieved in the table pointer register,
TBLP. This register defines the lower 8-bit address of
the look-up table.
After setting up the table pointer, the table data can be
retrieved from the current Program Memory page or last
Program Memory page using the
²TABRDC[m]² or
²TABRDL [m]² instructions, respectively. When these in-
structions are executed, the lower order table byte from
the Program Memory will be transferred to the user de-
fined Data Memory register [m] as specified in the in-
struction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special
register. Any unused bits in this transferred higher order
byte will be read as
²0².
The following diagram illustrates the addressing/data
flow of the look-up table:
0 1 4 H
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l I N T 0
I n t e r r u p t V e c t o r
T i m e r C o u n t e r 0
I n t e r r u p t V e c t o r
S P I / I 2 C I n t e r r u p t ,
R / C t o F C o n v e r t e r
I n t e r r u p t V e c t o r
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
0 1 8 H
E x t e r n a l I N T 1
I n t e r r u p t V e c t o r
T i m e r C o u n t e r 1
I n t e r r u p t V e c t o r
T i m e B a s e , R T C ,
A / D C o n v e r t e r
I n t e r r u p t V e c t o r
N o t I m p l e m e n t e d
1 5 b i t s
F F F H
n 0 0 H
n F F H
F 0 0 H
Program Memory Structure
Instruction
Table Location Bits
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
PC11
PC10
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
PC11~PC8: Current Program Counter bits
@7~@0: Table Pointer TBLP bits
P r o g r a m
M e m o r y
P r o g r a m C o u n t e r
H i g h B y t e
T B L P
T B L H
S p e c i f i e d b y [ m ]
T a b l e C o n t e n t s H i g h B y t e
T a b l e C o n t e n t s L o w B y t e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com