Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R37V Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 82Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 83Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 84Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 85Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 86Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 87Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 88Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 89Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 90Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
Package Information
52-pin QFP (14mm
´14mm) Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
17.3
¾
17.5
B
13.9
¾
14.1
C
17.3
¾
17.5
D
13.9
¾
14.1
E
¾
1
¾
F
¾
0.4
¾
G
2.5
¾
3.1
H
¾¾
3.4
I
¾
0.1
¾
J
0.73
¾
1.03
K
0.1
¾
0.2
a
0
°¾
7
°
HT45R37V
Rev. 1.00
89
October 20, 2009
3 9
4 0
5 2
1
2 7
1 3
A
B
C
D
1 4
2 6
E
F
G
H
I
J
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com