Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R37V Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 44Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 45Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 46Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
HT45R37V
Rev. 1.00
43
October 20, 2009
D a t a B u s
S D I P i n
S D O P i n
S I M D R
T x / R x S h i f t R e g i s t e r
B u s y
S t a t u s
C o n f i g u r a t i o n
O p t i o n
T R F F l a g
E n a b l e / D i s a b l e
W C O L F l a g
C l o c k
E d g e / P o l a r i t y
C o n t r o l
C l o c k
S o u r c e S e l e c t
f S Y S
f S U B
T i m e r / E v e n t C o u n t e r
S C K P i n
S C S P i n
C o n f i g u r a t i o n
O p t i o n
C S E N b i t
E n a b l e / D i s a b l e
C K E N b i t
C K P O L b i t
SPI Block Diagram
¨ LSB first or MSB first data transmission modes
¨ Transmission complete flag
¨ Rising or falling active clock edge
¨ WCOL and CSEN bit enabled or disable select
The status of the SPI interface pins is determined by a
number of factors such as whether the device is in the
master or slave mode and upon the condition of certain
control bits such as CSEN, SIMEN and SCS. In the table
I, Z represents an input floating condition.
There are several configuration options associated with
the SPI interface. One of these is to enable the SIM
function which selects the SIM pins rather than normal
I/O pins. Note that if the configuration option does not
select the SIM function then the SIMEN bit in the
SIMCTL0 register will have no effect. Another two SIM
configuration options determine if the CSEN and WCOL
bits are to be used.
Configuration Option
Function
SIM Function
SIM interface enable/disable
SPI CSEN bit
Enable/Disable
SPI WCOL bit
Enable/Disable
SPI Interface Configuration Options
SPI Registers
There are three internal registers which control the over-
all operation of the SPI interface. These are the SIMDR
data register and two control registers SIMCTL0 and
SIMCTL2. Note that the SIMCTL1 register is only used
by the I
2C interface.
Pin
Master/Salve
SIMEN=0
Master
- SIMEN=1
Slave
- SIMEN=1
CSEN=0
CSEN=1
CSEN=0
CSEN=1
SCS=0
CSEN=1
SCS=1
SCS
Z
ZLZ
I, Z
I, Z
SDO
Z
OOOO
Z
SDI
Z
I, Z
I, Z
I, Z
I, Z
Z
SCK
Z
H: CKPOL=0
L: CKPOL=1
H: CKPOL=0
L: CKPOL=1
I, Z
I, Z
Z
Note:
²Z² floating, ²H² output high, ²L² output low, ²I² Input, ²O²output level, ²I,Z² input floating (no pull-high)
SPI Interface Pin Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com