Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R37V Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 44Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 45Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 46Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 47Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
HT45R37V
Rev. 1.00
44
October 20, 2009
S I M C T L 0 R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s ' 0 "
S P I / I 2 C O n / O f c o n t r o l
1 : e n a b l e
0 : d i s a b l e
R e s e r v e d b i t
1 : u n p r e d i c a b l e o p e r a t i o n - b i t m u s t N O T b e s e t t o " 1 "
0 : c o r r e c t l e v e l - b i t m u s t b e s e t t o " 0 " f o r c o r r e c t o p e r a t i o n
S P I / I 2 C M a s t e r / S l a v e a n d C l o c k C o n t r o l
S I M 2
S I M 1
S I M 0
b 0
S I M E N
m a s t e r , f S Y S / 4
m a s t e r , f S Y S / 1 6
m a s t e r , f S Y S / 6 4
m a s t e r , f S U B
m a s t e r , T i m e r / E v e n t C o u n t e r 0 o u t p u t / 2
S l a v e
I 2 C m o d e
N o t u s e d
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
b 7
S I M 1
S I M 0
S I M 2
0
1
0
1
0
1
0
1
R e s e r v e d R e s e r v e d R e s e r v e d
SPI/I
2C Control Register
- SIMCTL0
S I M C T L 2 R e g i s t e r
b 7
T r a n s m i t / R e c e i v e c o m p l e t e f l a g
1 : f i n i s h e d
0 : i n p r o g r e s s
W r i t e c o l l i s i o n f l a g
1 : c o l l i s i o n
0 : n o c o l l i s i o n
S C S p i n e n a b l e
1 : e n a b l e
0 : S C S f l o a t i n g
D a t a s h i f t o r d e r
1 : M S B
0 : L S B
S P I C l o c k E d g e S e l e c t
1 : s e e t e x t
0 : s e e t e x t
S P I C l o c k P o l a r i t y
1 : s e e t e x t
0 : s e e t e x t
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 0
W C O L
T R F
C S E N
M L S
C K E G
C K P O L
SPI Control Register
- SIMCTL2
S I M C T L 1 R e g i s t e r
b 7
R e c e i v e a c k n o w l e d g e f l a g
1 : n o t a c k n o w l e d g e d
0 : a c k n o w l e d g e d
N o t i m p l e m e n t e d , r e a d a s " 0 "
M a s t e r d a t a r e a d / w r i t e r e q u e s t f l a g
1 : r e q u e s t d a t a r e a d
0 : r e q u e s t d a t a w r i t e
T r a n s m i t a c k n o w l e d g e f l a g
1 : d o n ' t a c k n o w l e d g e
0 : a c k n o w l e d g e
T r a n s m i t / R e c e i v e m o d e
1 : t r a n s m i t m o d e
0 : r e c e i v e m o d e
I 2 C b u s b u s y f l a g
1 : b u s y
0 : n o t b u s y
C a l l i n g a d d r e s s m a t c h e d f l a g
1 : m a t c h e d
0 : n o t m a t c h e d
D a t a t r a n s f e r f l a g
1 : t r a n s f e r c o m p l e t e
0 : t r a n s f e r n o t c o m p l e t e
b 0
H T X
R X A K
S R W
T X A K
H B B
H A A S
H C F
I
2C Control Register
- SIMCTL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com