Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5215AFKF/23 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA5215AFKF/23
Description  5.8GHz Medium Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215AFKF/23 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA5215AFKF/23 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHA5215a
5.8GHz Medium Power Amplifier
Ref. : DSCHA52150160 -08-Jun-00
2/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max
Unit
Fop
Operating frequency range
5
5.8
7
GHz
Glin
Linear gain (Gc=-5V)
25
dB
Gdr
Gain control dynamic range
10
15
dB
Gc
Gain control voltage
-5
0
V
Pout
Saturated output power
27
dBm
Sdet
Output power monitor sensitivity
-5
mV/mW
Vref
Reference monitor voltage
550
mV
RLin
Input return loss (full band) (2)
7
12
dB
RLout
Output return loss (2)
6
dB
Vd
Positive supply voltage (1)
9
V
Id
Positive supply current
330
400
mA
Vg
Negative supply voltage
-1.4
V
Ig
Negative supply current
15
mA
(1) Depending on the application a trade-off can be obtained between linearity and power
consumption by adjusting the positive supply voltage (from 6 to 9V).
(2) The return loss can be improved by using a simple matching network (available on request).
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Positive supply voltage
10
V
Vg
Negative supply voltage
-6 to 0 (3)
V
Gc
Gain control voltage
-6 to 0.6
Pin
Maximum peak input power overdrive (2)
20
dBm
Top
Operating temperature range
-50 to +70
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage
(2) Duration < 1s
(3) Choose Vg in order to have Id
≤ 400mA when Vd is applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com