Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5215AFKF/23 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA5215AFKF/23
Description  5.8GHz Medium Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215AFKF/23 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA5215AFKF/23 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 10Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5.8 GHz Medium Power Amplifier
CHA5215a
Ref. : DSCHA52150160 -08-Jun-00
7/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
3. Linearity characteristic
Measurement conditions
Bias : Vd = +9V, Id=330mA (Vg = -1.4V)
Input signal : amplitude modulated signal,
Fcarrier = Fo = 5.8GHz, Pcarrier = 4.8dBm
Fm = 500kHz, modulation index = 0.7
-90
-70
-50
-30
-10
10
30
-3
-2
-1
0
G ain control (V olts)
5.8/-50°
5.8015
5.802
5.8025
5.803
5.8035
-15
-10
-5
0
5
10
15
20
25
-3
-2
-1
0
Gain control (Volts)
5.8/-50°
5.8005
-90
-70
-50
-30
-10
10
30
-5
-4
-3
-2
-1
0
Gain control (Volts)
5.8/+25°C
5.8005
5.8015
5.802
5.025
5.803
-15
-10
-5
0
5
10
15
20
25
-5
-4
-3
-2
-1
0
Gain control (Volts)
5.8/+25°C
5.8005
-90
-70
-50
-30
-10
10
30
-5
-4
-3
-2
-1
0
Gain control (Volts)
5.8/+70°
5.8005
5.8015
5.802
5.8025
5.803
-15
-10
-5
0
5
10
15
20
25
-5
-4
-3
-2
-1
0
Gain control (Volts)
5.8/+70°
5.8005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com