Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5215AFKF/23 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5215AFKF/23
Description  5.8GHz Medium Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215AFKF/23 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5215AFKF/23 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CHA5215a
Ref. : DSCHA52150160 -08-Jun-00
1/12
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
5.8GHz Medium Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA5215a is a MMIC multifunction
integrating
a
3-stage
medium
power
amplifier, a gain control and an output
detector. A high saturated output power
allows
a
linear
operating
point
for
multichannel communication applications.
The output power can be controlled thanks
to the combination of a detected output
voltage and an important gain control
dynamic range.
The circuit is manufactured with a standard
0.7µm
implanted
power
MESFET,
air
bridges, via holes through the substrate
and
electron
beam
gate
lithography
process. It is supplied in chip form
or in
ceramic flat-pack package.
Main Features
■ Wide operating frequency range
■ High saturated output power
■ High linearity
■ High gain
■ High dynamic gain control
■ Output power monitor
■ Chip dimensions : 2.47 x 1.27 x 0.10 mm
IN
OUT
Vg
Vd
Gc
Ref
Pc
Block diagram
0
5
10
15
20
25
30
5
5,2
5,4
5,6
5,8
6
6,2
6,4
6,6
6,8
7
Frequency (GHz)
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
5
5.8
7
GHz
Gmax
Maximum gain
25
dB
∆G
Gain control range
10
15
dB
Psat
Saturated output power
27
dBm
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !


Similar Part No. - CHA5215AFKF/23

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5250-QDG UMS-CHA5250-QDG Datasheet
518Kb / 16P
5.5-9GHz Medium Power Amplifier
CHA5250-QDG UMS-CHA5250-QDG_15 Datasheet
518Kb / 16P
5.5-9GHz Medium Power Amplifier
CHA5266-99F UMS-CHA5266-99F Datasheet
303Kb / 12P
10-16 GHz Medium Power Amplifier
CHA5266-QDG UMS-CHA5266-QDG Datasheet
428Kb / 14P
10-16 GHz Medium Power Amplifier
CHA5266-QDG UMS-CHA5266-QDG_15 Datasheet
428Kb / 14P
10-16 GHz Medium Power Amplifier
More results

Similar Description - CHA5215AFKF/23

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com