Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5215AFKF/23 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA5215AFKF/23
Description  5.8GHz Medium Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215AFKF/23 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5215AFKF/23 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5.8 GHz Medium Power Amplifier
CHA5215a
Ref. : DSCHA52150160 -08-Jun-00
3/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On Wafer Scattering Parameters
Bias Conditions : Vd = +5V Id=330mA (Vg = -1.4V) Gc = -5V
Freq.
GHz
S11
dB
S11
////°
S12
dB
S12
////°
S21
dB
S21
////°
S22
dB
S22
////°
4
-9.23
5.6
-47.73
162.4
0.33
-78.2
-8.28
105.5
4.1
-9.05
0.4
-48.42
142.3
2.86
-78.2
-7.72
90.6
4.2
-8.84
-5
-48.78
129.4
5.44
-89.7
--7.46
77.4
4.3
-8.65
-10.8
-50.4
113.1
7.93
-89.7
-7.22
-64.7
4.4
-8.44
-16.8
-50.72
101.3
10.36
-110.2
-6.96
52.6
4.5
-8.25
-23.2
-51.79
88.3
12.76
-110.2
-6.69
52.6
4.6
-8.07
-30.1
-51.93
73.9
15.1
-136.9
-6.38
-27.5
4.7
-7.93
-37.5
-52.56
59.8
17.38
-122.7
-6.1
13.8
4.8
-7.89
-45.4
-52.92
41.2
19.49
-171.3
-5.94
-0.17
4.9
-7.99
-53.7
-53.56
22.4
21.31
-153.1
-6.03
-15.9
5
-8.27
-61.5
-54.49
-0.2
22.75
146.5
-6.46
-30.7
5.1
-8.64
-68.7
-55.71
-22.4
23.74
168.2
-7.27
-44
5.2
-9.03
-74.9
-57.22
-45.7
24.35
102.9
-8.33
-54.2
5.3
-9.39
-80.9
-58.74
-69.8
24.69
124.4
-9.44
-61
5.4
-9.73
-86.6
-60.04
-93.3
24.83
63.8
-10.35
-64.5
5.5
-10.1
-92.4
-60.95
-119.4
24.88
82.7
-10.93
-66
5.6
-10.52
-97.9
-61.36
-144.1
24.86
29.1
-11.21
-66.8
5.7
-11
-103.1
-61.75
-168
24.77
46.1
-11.25
-67.8
5.8
-11.56
-107.6
-61.42
170.3
24.65
-2.4
-11.13
-68.9
5.9
-12.09
-11.1
-60.99
150.8
24.49
13
-10.98
-70.7
6
-12.62
-113.2
-60.57
134.4
24.33
-31
-10.74
-72.5
6.1
-13.05
-114.5
-60.34
117.6
24.19
-17.1
-10.54
-74.4
6.2
-13.21
-114.3
-59.89
105.9
24.09
-57.5
-10.35
-76.4
6.3
-13.14
-114.1
-59.38
93.5
24.03
-44.5
-10.15
-78.1
6.4
-12.77
-114.4
-58.47
82.1
23.98
-82.9
-9.92
-79.2
6.5
-12.18
-115.7
-57.61
70.1
24.02
-70.3
-9.63
-80.5
6.6
-11.48
-117.9
-56.81
59.1
24.09
-108.1
-9.27
-81.7
6.7
-10.65
-121.7
-55.59
44.2
24.2
-95.4
-8.79
-83.3
6.8
-9.76
-126.9
-55.19
31.3
24.37
-134.9
-8.35
-85.5
6.9
-8.9
-133.7
-54.39
17.7
24.52
-121.1
-7.86
-88.3
7
-8.03
-141.9
-53.67
0.7
24.65
-165.1
-7.4
-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com