Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5215AFKF/23 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA5215AFKF/23
Description  5.8GHz Medium Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215AFKF/23 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA5215AFKF/23 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CHA5215a
5.8GHz Medium Power Amplifier
Ref. : DSCHA52150160 -08-Jun-00
4/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On Wafer Scattering Parameters
Bias Conditions : Vd = +5V Id=330mA (Vg = -1.4V) Gc = 0V
Freq.
GHz
S11
dB
S11
////°
S12
dB
S12
////°
S21
dB
S21
////°
S22
dB
S22
////°
4
-22.97
169.9
-34.74
25.6
-6.22
-172.9
-9.34
98.1
4.1
-22.15
159
-36.83
7.2
-4.74
-179.4
-8.85
84.5
4.2
-21.67
149.3
-39.2
-7.2
-3.27
172
-8.7
72.1
4.3
-21.35
141.2
-41.02
-21.2
-1.91
162.4
-8.55
60.6
4.4
-21.16
133.9
-42.96
-32.2
-0.62
152
-8.42
49.6
4.5
-21.03
127.4
-44.55
-44.2
0.63
141.2
-8.26
38.7
4.6
-20.94
121.3
-46.11
-54.2
1.84
129.6
-8.04
27.7
4.7
-21
115.9
-47.53
-66.2
3.01
117.4
-7.8
16.4
4.8
-21.08
110.6
-48.79
-77.7
4.12
104.3
-7.56
4.8
4.9
-21.27
106.4
-50.14
-91.6
5.13
90.4
-7.39
-7.3
5
-21.5
102.4
-51.39
-105.3
5.99
75.7
-7.32
-19.6
5.1
-21.8
99.6
-52.81
-121.3
6.67
60.5
-7.43
-31.8
5.2
-22.06
97.1
-54.39
-139.6
7.14
45.1
-7.74
-43.2
5.3
-22.27
95.6
-55.86
-158.3
7.42
30.1
-8.24
-53.6
5.4
-22.47
94.1
-57.39
-177.5
7.55
15.9
-8.88
-62.2
5.5
-22.59
92.9
-58.53
161.5
7.58
2.6
-9.62
-69
5.6
-22.69
91.6
-59.33
140.9
7.57
-10
-10.38
-73.8
5.7
-22.8
90.4
-59.48
119.9
7.58
-21.7
-11.1
-76.7
5.8
-22.9
89
-59.27
101.7
7.62
-32.9
-11.7
-77.5
5.9
-23.14
88
58.76
84.8
7.72
-43.7
-12.14
-76.8
6
-23.38
86.6
-58.03
68.8
7.91
-54.2
-12.31
-74.7
6.1
-23.7
86.9
-57.17
53.3
8.19
-64.9
-12.23
-72.2
6.2
-24.15
87
-56.52
39.9
8.56
-75.9
-11.83
-69.4
6.3
-24.62
89.3
-55.51
27.7
9.02
-87.5
-11.16
-67.3
6.4
-25.03
94.1
-54.47
16
9.55
-100.1
-10.23
-66.4
6.5
-25.04
102.4
-53.41
1
10.1
-114.2
-9.15
-67.5
6.6
-24.31
110.2
-52.5
-14.7
10.6
-129.9
-8.02
-70.8
6.7
-22.84
115.5
-51.5
-30.3
10.89
-147.6
-7.02
-76.5
6.8
-21.18
115.4
-51.21
-50.7
10.83
-166.8
-6.33
-84.2
6.9
-19.83
111
-51.51
-68.5
10.31
173.9
-6.06
-92.3
7
-18.99
105.2
-51.88
-84.2
9.39
155.9
-6.14
-99.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com