Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5215AFKF/23 Datasheet(PDF) 12 Page - United Monolithic Semiconductors

Part # CHA5215AFKF/23
Description  5.8GHz Medium Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215AFKF/23 Datasheet(HTML) 12 Page - United Monolithic Semiconductors

Back Button CHA5215AFKF/23 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 10Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 11Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CHA5215a
5.8GHz Medium Power Amplifier
Ref. : DSCHA52150160 -08-Jun-00
12/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Ordering Information
Chip form
: CHA5215a99F/00
Flatpack package
: CHA5215aFKF/23
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com