Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5215AFKF/23 Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA5215AFKF/23
Description  5.8GHz Medium Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215AFKF/23 Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA5215AFKF/23 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 10Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 11Page - United Monolithic Semiconductors CHA5215AFKF/23 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CHA5215a
5.8GHz Medium Power Amplifier
Ref. : DSCHA52150160 -08-Jun-00
10/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Package Mechanical Data (FK)
Package Pin Allocation (FK)
1
Pc
Power monitor output
2
Vd
Positive supply voltage
3
Vg
Negative supply voltage
4
Gc
Gain control input
5
IN
RF signal input
6
Ref
Monitor reference output
7
OUT
RF signal output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com