Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 44Page - Microchip Technology PIC12F629-E/P Datasheet HTML 45Page - Microchip Technology PIC12F629-E/P Datasheet HTML 46Page - Microchip Technology PIC12F629-E/P Datasheet HTML 47Page - Microchip Technology PIC12F629-E/P Datasheet HTML 48Page - Microchip Technology PIC12F629-E/P Datasheet HTML 49Page - Microchip Technology PIC12F629-E/P Datasheet HTML 50Page - Microchip Technology PIC12F629-E/P Datasheet HTML 51Page - Microchip Technology PIC12F629-E/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
PIC12F629/675
DS41190G-page 48
 2010 Microchip Technology Inc.
7.3
A/D Operation During Sleep
The A/D converter module can operate during Sleep.
This requires the A/D clock source to be set to the
internal RC oscillator. When the RC clock source is
selected, the A/D waits one instruction before starting
the conversion. This allows the SLEEP instruction to be
executed, thus eliminating much of the switching noise
from the conversion. When the conversion is complete,
the GO/DONE bit is cleared, and the result is loaded
into the ADRESH:ADRESL registers. If the A/D
interrupt is enabled, the device awakens from Sleep. If
the A/D interrupt is not enabled, the A/D module is
turned off, although the ADON bit remains set.
When the A/D clock source is something other than
RC, a SLEEP instruction causes the present conversion
to be aborted, and the A/D module is turned off. The
ADON bit remains set.
7.4
Effects of Reset
A device Reset forces all registers to their Reset state.
Thus the A/D module is turned off and any pending
conversion
is
aborted.
The
ADRESH:ADRESL
registers are unchanged.
TABLE 7-2:
SUMMARY OF A/D REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOD
Value on
all other
Resets
05h
GPIO
—
—
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
--xx xxxx --uu uuuu
0Bh, 8Bh INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000 0000 000u
0Ch
PIR1
EEIF
ADIF
—
—
CMIF
—
—
TMR1IF
00-- 0--0 00-- 0--0
1Eh
ADRESH Most Significant 8 bits of the Left Shifted A/D result or 2 bits of the Right Shifted Result
xxxx xxxx uuuu uuuu
1Fh
ADCON0
ADFM
VCFG
—
—
CHS1
CHS0
GO
ADON
00-- 0000 00-- 0000
85h
TRISIO
—
—
TRISIO5
TRISIO4
TRISIO3 TRISIO2 TRISIO1 TRISIO0 --11 1111 --11 1111
8Ch
PIE1
EEIE
ADIE
—
—
CMIE
—
—
TMR1IE
00-- 0--0 00-- 0--0
9Eh
ADRESL Least Significant 2 bits of the Left Shifted A/D Result or 8 bits of the Right Shifted Result
xxxx xxxx uuuu uuuu
9Fh
ANSEL
—
ADCS2
ADCS1
ADCS0
ANS3
ANS2
ANS1
ANS0
-000 1111 -000 1111
Legend: x = unknown, u = unchanged, - = unimplemented read as ‘
0’. Shaded cells are not used for A/D converter module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com