Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 92Page - Microchip Technology PIC12F629-E/P Datasheet HTML 93Page - Microchip Technology PIC12F629-E/P Datasheet HTML 94Page - Microchip Technology PIC12F629-E/P Datasheet HTML 95Page - Microchip Technology PIC12F629-E/P Datasheet HTML 96Page - Microchip Technology PIC12F629-E/P Datasheet HTML 97Page - Microchip Technology PIC12F629-E/P Datasheet HTML 98Page - Microchip Technology PIC12F629-E/P Datasheet HTML 99Page - Microchip Technology PIC12F629-E/P Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 136 page
background image
PIC12F629/675
DS41190G-page 96
 2010 Microchip Technology Inc.
12.9
AC CHARACTERISTICS: PIC12F629/675 (INDUSTRIAL, EXTENDED)
FIGURE 12-5:
EXTERNAL CLOCK TIMING
TABLE 12-1:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency(1)
DC
—
37
kHz LP Osc mode
DC
—
4
MHz XT mode
DC
—
20
MHz HS mode
DC
—
20
MHz EC mode
Oscillator Frequency(1)
5
—
37
kHz LP Osc mode
—4
—
MHz INTOSC mode
DC
—
4
MHz RC Osc mode
0.1
—
4
MHz XT Osc mode
1—
20
MHz HS Osc mode
1TOSC
External CLKIN Period(1)
27
—
sLP Osc mode
50
—
ns
HS Osc mode
50
—
ns
EC Osc mode
250
—
ns
XT Osc mode
Oscillator Period(1)
27
200
sLP Osc mode
—250
—
ns
INTOSC mode
250
—
—
ns
RC Osc mode
250
—
10,000
ns
XT Osc mode
50
—
1,000
ns
HS Osc mode
2TCY
Instruction Cycle Time(1)
200
TCY
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External CLKIN (OSC1) High
External CLKIN Low
2*
—
—
sLP oscillator, TOSC L/H duty cycle
20*
—
—
ns
HS oscillator, TOSC L/H duty
cycle
100 *
—
—
ns
XT oscillator, TOSC L/H duty cycle
4TosR,
TosF
External CLKIN Rise
External CLKIN Fall
—
—
50*
ns
LP oscillator
—
—
25*
ns
XT oscillator
—
—
15*
ns
HS oscillator
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min” values with an external
clock applied to OSC1 pin. When an external clock input is used, the ‘max’ cycle time limit is “DC” (no clock)
for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com