Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 62Page - Microchip Technology PIC12F629-E/P Datasheet HTML 63Page - Microchip Technology PIC12F629-E/P Datasheet HTML 64Page - Microchip Technology PIC12F629-E/P Datasheet HTML 65Page - Microchip Technology PIC12F629-E/P Datasheet HTML 66Page - Microchip Technology PIC12F629-E/P Datasheet HTML 67Page - Microchip Technology PIC12F629-E/P Datasheet HTML 68Page - Microchip Technology PIC12F629-E/P Datasheet HTML 69Page - Microchip Technology PIC12F629-E/P Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
PIC12F629/675
DS41190G-page 66
 2010 Microchip Technology Inc.
TABLE 9-8:
SUMMARY OF INTERRUPT REGISTERS
9.5
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (e.g., W register and
STATUS register). This must be implemented in
software.
Example 9-2 stores and restores the STATUS and W
registers. The user register, W_TEMP, must be defined
in both banks and must be defined at the same offset
from the bank base address (i.e., W_TEMP is defined
at 0x20 in Bank 0 and it must also be defined at 0xA0
in Bank 1). The user register, STATUS_TEMP, must be
defined in Bank 0. The Example 9-2:
• Stores the W register
• Stores the STATUS register in Bank 0
• Executes the ISR code
• Restores the STATUS (and bank select bit
register)
• Restores the W register
EXAMPLE 9-2:
SAVING THE STATUS AND
W REGISTERS IN RAM
9.6
Watchdog Timer (WDT)
The Watchdog Timer is a free running, on-chip RC
oscillator, which requires no external components. This
RC oscillator is separate from the external RC oscillator
of the CLKIN pin and INTOSC. That means that the
WDT will run, even if the clock on the OSC1 and OSC2
pins of the device has been stopped (for example, by
execution of a SLEEP instruction). During normal
operation, a WDT Time-out generates a device Reset.
If the device is in Sleep mode, a WDT Time-out causes
the device to wake-up and continue with normal
operation. The WDT can be permanently disabled by
programming the Configuration bit WDTE as clear
(Section 9.1 “Configuration Bits”).
9.6.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms, (with
no prescaler). The time-out periods vary with
temperature, VDD and process variations from part to
part (see DC specs). If longer time-out periods are
desired, a prescaler with a division ratio of up to 1:128
can be assigned to the WDT under software control by
writing to the OPTION register. Thus, time-out periods
up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the prescaler, if assigned to the WDT, and prevent
it from timing out and generating a device Reset.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer Time-out.
9.6.2
WDT PROGRAMMING
CONSIDERATIONS
It should also be taken in account that under worst-
case conditions (i.e., VDD = Min., Temperature = Max.,
Max. WDT prescaler) it may take several seconds
before a WDT Time-out occurs.
Address
Name
Bit 7Bit 6Bit 5
Bit 4Bit 3Bit 2
Bit 1Bit 0
Value on
POR, BOD
Value on all
other
Resets
0Bh, 8Bh INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000 0000 000u
0Ch
PIR1
EEIF
ADIF
—
—CMIF
—
—TMR1IF 00-- 0--0 00-- 0--0
8Ch
PIE1
EEIE
ADIE
—
—CMIE
—
—TMR1IE 00-- 0--0 00-- 0--0
Legend:
x = unknown, u = unchanged, - = unimplemented read as ‘0’, q = value depends upon condition.
Shaded cells are not used by the interrupt module.
MOVWF
W_TEMP
;copy W to temp register,
could be in either bank
SWAPF
STATUS,W
;swap status to be saved into W
BCF
STATUS,RP0
;change to bank 0 regardless of
current bank
MOVWF
STATUS_TEMP
;save status to bank 0 register
:
:(ISR)
:
SWAPF
STATUS_TEMP,W;swap STATUS_TEMP register into
W, sets bank to original state
MOVWF
STATUS
;move W into STATUS register
SWAPF
W_TEMP,F
;swap W_TEMP
SWAPF
W_TEMP,W
;swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com