Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 51Page - Microchip Technology PIC12F629-E/P Datasheet HTML 52Page - Microchip Technology PIC12F629-E/P Datasheet HTML 53Page - Microchip Technology PIC12F629-E/P Datasheet HTML 54Page - Microchip Technology PIC12F629-E/P Datasheet HTML 55Page - Microchip Technology PIC12F629-E/P Datasheet HTML 56Page - Microchip Technology PIC12F629-E/P Datasheet HTML 57Page - Microchip Technology PIC12F629-E/P Datasheet HTML 58Page - Microchip Technology PIC12F629-E/P Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 55
PIC12F629/675
9.2
Oscillator Configurations
9.2.1
OSCILLATOR TYPES
The PIC12F629/675 can be operated in eight different
oscillator option modes. The user can program three
Configuration bits (FOSC2 through FOSC0) to select
one of these eight modes:
• LP
Low-Power Crystal
• XT
Crystal/Resonator
• HS
High-Speed Crystal/Resonator
• RC
External Resistor/Capacitor (2 modes)
• INTOSC Internal Oscillator (2 modes)
• EC
External Clock In
9.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT, LP or HS modes a crystal or ceramic resonator
is connected to the OSC1 and OSC2 pins to establish
oscillation (see Figure 9-1). The PIC12F629/675
oscillator design requires the use of a parallel cut
crystal. Use of a series cut crystal may yield a
frequency outside of the crystal manufacturers
specifications. When in XT, LP or HS modes, the
device can have an external clock source to drive the
OSC1 pin (see Figure 9-2).
FIGURE 9-1:
CRYSTAL OPERATION (OR
CERAMIC RESONATOR)
HS, XT OR LP OSC
CONFIGURATION
FIGURE 9-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT, EC,
OR LP OSC
CONFIGURATION)
TABLE 9-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
TABLE 9-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
Note:
Additional information on oscillator config-
urations is available in the PIC® Mid-
Range Reference Manual, (DS33023).
Note
1:
See Table 9-1 and Table 9-2 for recommended
values of C1 and C2.
2:
A series resistor may be required for AT strip cut
crystals.
3:
RF varies with the Oscillator mode selected
(Approx. value = 10 M

C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To Internal
PIC12F629/675
Logic
RS(2)
Ranges Characterized:
Mode
Freq.
OSC1(C1)
OSC2(C2)
XT
455 kHz
2.0 MHz
4.0 MHz
68-100 pF
15-68 pF
15-68 pF
68-100 pF
15-68 pF
15-68 pF
HS
8.0 MHz
16.0 MHz
10-68 pF
10-22 pF
10-68 pF
10-22 pF
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time. These values are for design
guidance only. Since each resonator has
its own characteristics, the user should
consult the resonator manufacturer for
appropriate values of external
components.
Mode
Freq.
OSC1(C1)
OSC2(C2)
LP
32 kHz
68-100 pF
68-100 pF
XT
100 kHz
2 MHz
4 MHz
68-150 pF
15-30 pF
15-30 pF
150-200 pF
15-30 pF
15-30 pF
HS
8 MHz
10 MHz
20 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time. These values are for design
guidance only. Rs may be required in HS
mode as well as XT mode to avoid
overdriving crystals with low drive level
specification. Since each crystal has its
own characteristics, the user should
consult the crystal manufacturer for
appropriate values of external
components.
Clock from
External System
PIC12F629/675
OSC1
OSC2(1)
Open
Note 1: Functions as GP4 in EC Osc mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com