Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 50Page - Microchip Technology PIC12F629-E/P Datasheet HTML 51Page - Microchip Technology PIC12F629-E/P Datasheet HTML 52Page - Microchip Technology PIC12F629-E/P Datasheet HTML 53Page - Microchip Technology PIC12F629-E/P Datasheet HTML 54Page - Microchip Technology PIC12F629-E/P Datasheet HTML 55Page - Microchip Technology PIC12F629-E/P Datasheet HTML 56Page - Microchip Technology PIC12F629-E/P Datasheet HTML 57Page - Microchip Technology PIC12F629-E/P Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 136 page
background image
PIC12F629/675
DS41190G-page 54
 2010 Microchip Technology Inc.
9.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’) to select various
device configurations, as shown in Register 9.2. These
bits are mapped in program memory location 2007h.
REGISTER 9-1:
CONFIG: CONFIGURATION WORD (ADDRESS: 2007h)
Note:
Address 2007h is beyond the user program
memory space. It belongs to the special con-
figuration memory space (2000h-3FFFh),
which can be accessed only during program-
ming. See PIC12F629/675 Programming
Specification for more information.
R/P-1
R/P-1
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
BG1
BG0
—
—
—CPD
CP
BODEN
MCLRE
PWRTE
WDTE
F0SC2
F0SC1
F0SC0
bit 13
bit 0
Legend:
P = Programmed using ICSP™
R = Readable bit
Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown
bit 13-12
BG1:BG0: Bandgap Calibration bits for BOD and POR voltage(1)
00 = Lowest bandgap voltage
11 = Highest bandgap voltage
bit 11-9
Unimplemented: Read as ‘0’
bit 8
CPD: Data Code Protection bit(2)
1 = Data memory code protection is disabled
0 = Data memory code protection is enabled
bit 7
CP: Code Protection bit(3)
1 = Program Memory code protection is disabled
0 = Program Memory code protection is enabled
bit 6
BODEN: Brown-out Detect Enable bit(4)
1 = BOD enabled
0 = BOD disabled
bit 5
MCLRE: GP3/MCLR Pin Function Select bit(5)
1 = GP3/MCLR pin function is MCLR
0 = GP3/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 4
PWRTE: Power-up Timer Enable bit
1 = PWRT disabled
0 = PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 2-0
FOSC2:FOSC0: Oscillator Selection bits
111 = RC oscillator: CLKOUT function on GP4/OSC2/CLKOUT pin, RC on GP5/OSC1/CLKIN
110 = RC oscillator: I/O function on GP4/OSC2/CLKOUT pin, RC on GP5/OSC1/CLKIN
101 = INTOSC oscillator: CLKOUT function on GP4/OSC2/CLKOUT pin, I/O function on GP5/OSC1/CLKIN
100 = INTOSC oscillator: I/O function on GP4/OSC2/CLKOUT pin, I/O function on GP5/OSC1/CLKIN
011 = EC: I/O function on GP4/OSC2/CLKOUT pin, CLKIN on GP5/OSC1/CLKIN
010 = HS oscillator: High speed crystal/resonator on GP4/OSC2/CLKOUT and GP5/OSC1/CLKIN
001 = XT oscillator: Crystal/resonator on GP4/OSC2/CLKOUT and GP5/OSC1/CLKIN
000 = LP oscillator: Low-power crystal on GP4/OSC2/CLKOUT and GP5/OSC1/CLKIN
Note 1:
The Bandgap Calibration bits are factory programmed and must be read and saved prior to erasing the device as spec-
ified in the PIC12F629/675 Programming Specification. These bits are reflected in an export of the Configuration Word.
Microchip Development Tools maintain all Calibration bits to factory settings.
2:
The entire data EEPROM will be erased when the code protection is turned off.
3:
The entire program memory will be erased, including OSCCAL value, when the code protection is turned off.
4:
Enabling Brown-out Detect does not automatically enable Power-up Timer.
5:
When MCLR is asserted in INTOSC or RC mode, the internal clock oscillator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com