Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 94Page - Microchip Technology PIC12F629-E/P Datasheet HTML 95Page - Microchip Technology PIC12F629-E/P Datasheet HTML 96Page - Microchip Technology PIC12F629-E/P Datasheet HTML 97Page - Microchip Technology PIC12F629-E/P Datasheet HTML 98Page - Microchip Technology PIC12F629-E/P Datasheet HTML 99Page - Microchip Technology PIC12F629-E/P Datasheet HTML 100Page - Microchip Technology PIC12F629-E/P Datasheet HTML 101Page - Microchip Technology PIC12F629-E/P Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
PIC12F629/675
DS41190G-page 98
 2010 Microchip Technology Inc.
FIGURE 12-6:
CLKOUT AND I/O TIMING
TABLE 12-3:
CLKOUT AND I/O TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
10
TosH2ckL OSC1
 to CLOUT
—
75
200
ns
(Note 1)
11
TosH2ckH OSC1
 to CLOUT
—
75
200
ns
(Note 1)
12
TckR
CLKOUT rise time
—
35
100
ns
(Note 1)
13
TckF
CLKOUT fall time
—
35
100
ns
(Note 1)
14
TckL2ioV
CLKOUT
 to Port out valid
—
—
20
ns
(Note 1)
15
TioV2ckH Port in valid before CLKOUT
TOSC + 200
ns
——
ns
(Note 1)
16
TckH2ioI
Port in hold after CLKOUT
0
—
—
ns
(Note 1)
17
TosH2ioV OSC1
 (Q1 cycle) to Port out valid
—
50
150 *
ns
——
300
ns
18
TosH2ioI
OSC1
 (Q2 cycle) to Port input
invalid (I/O in hold time)
100
—
—
ns
19
TioV2osH Port input valid to OSC1

(I/O in setup time)
0—
—
ns
20
TioR
Port output rise time
—
10
40
ns
21
TioF
Port output fall time
—
10
40
ns
22
Tinp
INT pin high or low time
25
—
—
ns
23
Trbp
GPIO change INT high or low time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
C unless otherwise stated.
Note 1: Measurements are taken in RC mode where CLKOUT output is 4xTOSC.
OSC1
CLKOUT
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com