Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 96Page - Microchip Technology PIC12F629-E/P Datasheet HTML 97Page - Microchip Technology PIC12F629-E/P Datasheet HTML 98Page - Microchip Technology PIC12F629-E/P Datasheet HTML 99Page - Microchip Technology PIC12F629-E/P Datasheet HTML 100Page - Microchip Technology PIC12F629-E/P Datasheet HTML 101Page - Microchip Technology PIC12F629-E/P Datasheet HTML 102Page - Microchip Technology PIC12F629-E/P Datasheet HTML 103Page - Microchip Technology PIC12F629-E/P Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 136 page
background image
PIC12F629/675
DS41190G-page 100
 2010 Microchip Technology Inc.
TABLE 12-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
AND BROWN-OUT DETECT REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max Units
Conditions
30
TMCL
MCLR Pulse Width (low)
2
TBD
—
TBD
—
TBD
s
ms
VDD = 5V, -40°C to +85°C
Extended temperature
31
TWDT
Watchdog Timer Time-out
Period
(No Prescaler)
10
10
17
17
25
30
ms
ms
VDD = 5V, -40°C to +85°C
Extended temperature
32
TOST
Oscillation Start-up Timer
Period
—
1024TOSC
——
TOSC = OSC1 period
33*
TPWRT
Power-up Timer Period
28*
TBD
72
TBD
132*
TBD
ms
ms
VDD = 5V, -40°C to +85°C
Extended Temperature
34
TIOZ
I/O High-impedance from
MCLR Low or Watchdog Timer
Reset
——
2.0
s
BVDD
Brown-out Detect Voltage
2.025
—
2.175
V
Brown-out Hysteresis
TBD
—
—
—
35
TBOD
Brown-out Detect Pulse Width
100*
—
—
sVDD  BVDD (D005)
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com