Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 99Page - Microchip Technology PIC12F629-E/P Datasheet HTML 100Page - Microchip Technology PIC12F629-E/P Datasheet HTML 101Page - Microchip Technology PIC12F629-E/P Datasheet HTML 102Page - Microchip Technology PIC12F629-E/P Datasheet HTML 103Page - Microchip Technology PIC12F629-E/P Datasheet HTML 104Page - Microchip Technology PIC12F629-E/P Datasheet HTML 105Page - Microchip Technology PIC12F629-E/P Datasheet HTML 106Page - Microchip Technology PIC12F629-E/P Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 103
PIC12F629/675
TABLE 12-8:
PIC12F675 A/D CONVERTER CHARACTERISTICS:
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
10 bits
bit
A02
EABS Total Absolute
Error*
——
1LSb VREF = 5.0V
A03
EIL
Integral Error
—
—
1LSb VREF = 5.0V
A04
EDL
Differential Error
—
—
1
LSb No missing codes to 10 bits
VREF = 5.0V
A05
EFS
Full Scale Range
2.2*
—
5.5*
V
A06
EOFF Offset Error
—
—
1LSb VREF = 5.0V
A07
EGN
Gain Error
—
—
1LSb VREF = 5.0V
A10
—
Monotonicity
—
guaranteed(3)
——
VSS
 VAIN  VREF+
A20
A20A
VREF Reference Voltage
2.0
2.5
——
VDD + 0.3
V
Absolute minimum to ensure 10-bit
accuracy
A21
VREF Reference V High
(VDD or VREF)
VSS
—VDD
V
A25
VAIN
Analog Input
Voltage
VSS
—VREF
V
A30
ZAIN
Recommended
Impedance of
Analog Voltage
Source
——
10
k
A50
IREF
VREF Input
Current(2)
10
—
—
—
1000
10
A
A
During VAIN acquisition.
Based on differential of VHOLD to VAIN.
During A/D conversion cycle.
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: When A/D is off, it will not consume any current other than leakage current. The power-down current spec
includes any such leakage from the A/D module.
2: VREF current is from External VREF or VDD pin, whichever is selected as reference input.
3: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com