Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-E/P Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 103Page - Microchip Technology PIC12F629-E/P Datasheet HTML 104Page - Microchip Technology PIC12F629-E/P Datasheet HTML 105Page - Microchip Technology PIC12F629-E/P Datasheet HTML 106Page - Microchip Technology PIC12F629-E/P Datasheet HTML 107Page - Microchip Technology PIC12F629-E/P Datasheet HTML 108Page - Microchip Technology PIC12F629-E/P Datasheet HTML 109Page - Microchip Technology PIC12F629-E/P Datasheet HTML 110Page - Microchip Technology PIC12F629-E/P Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 107
PIC12F629/675
13.0 DC AND AC CHARACTERISTICS GRAPHS AND TABLES
The graphs and tables provided in this section are for design guidance and are not tested.
In some graphs or tables, the data presented are outside specified operating range (i.e., outside specified VDD
range). This is for information only and devices are ensured to operate properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots over a period
of time and matrix samples. “Typical” represents the mean of the distribution at 25°C. “Max” or “min” represents
(mean + 3
) or (mean - 3) respectively, where  is standard deviation, over the whole temperature range.
FIGURE 13-1:
TYPICAL IPD vs. VDD OVER TEMP (-40°C TO +25°C)
FIGURE 13-2:
TYPICAL IPD vs. VDD OVER TEMP (+85°C)
Typical Baseline IPD
0.0E+00
1.0E-09
2.0E-09
3.0E-09
4.0E-09
5.0E-09
6.0E-09
2
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
-40
0
25
Typical Baseline IPD
0.0E+00
5.0E-08
1.0E-07
1.5E-07
2.0E-07
2.5E-07
3.0E-07
3.5E-07
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com