Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J13-E/ML Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC18F46J13-E/ML
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J13-E/ML Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC18F46J13-E/ML Datasheet HTML 23Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 24Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 25Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 26Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 27Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 28Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 29Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 30Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 558 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39974A-page 27
PIC18F47J13 FAMILY
PORTC (continued)
RC6/CCP9/PMA5/TX1/CK1/RP17
RC6
CCP9
PMA5
TX1
CK1
RP17
44(3) 44(3)
I/O
I/O
I/O
O
I/O
I/O
ST/DIG
ST/DIG
DIG
ST/TTL/
DIG
ST/DIG
ST/DIG
Digital I/O.
Capture/Compare/PWM input/output.
Parallel Master Port address.
EUSART1 asynchronous transmit.
EUSART1 synchronous clock (see related
RX1/DT1).
Remappable Peripheral Pin 17 input/output.
RC7/CCP10/PMA4/RX1/DT1/RP18
RC7
CCP10
PMA4
RX1
DT1
RP18
1(3)
1(3)
I/O
I/O
I/O
I
I/O
I/O
ST/DIG
ST/DIG
ST/TTL/
DIG
ST
ST/DIG
ST/DIG
Digital I/O.
Capture/Compare/PWM input/output.
Parallel Master Port address.
EUSART1 asynchronous receive.
EUSART Synchronous data (see related
TX1/CK1).
Remappable Peripheral Pin 18 input/output.
TABLE 1-4:
PIC18F4XJ13 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
44-
QFN
44-
TQFP
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
DIG = Digital output
I2C™
= Open-Drain, I2C specific
Note 1:
RA7 and RA6 will be disabled if OSC1 and OSC2 are used for the clock function.
2:
Available only on 44-pin devices (PIC18F46J13, PIC18F47J13, PIC18LF46J13 and PIC18LF47J13).
3:
5.5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com