Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J13-E/ML Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC18F46J13-E/ML
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J13-E/ML Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC18F46J13-E/ML Datasheet HTML 92Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 93Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 94Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 95Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 96Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 97Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 98Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 99Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 558 page
background image
PIC18F47J13 FAMILY
DS39974A-page 96
Preliminary
 2010 Microchip Technology Inc.
F7Dh
SPBRGH2
EUSART2 Baud Rate Generator High Byte
0000 0000
F7Ch
BAUDCON2
ABDOVF
RCIDL
RXDTP
TXCKP
BRG16
—
WUE
ABDEN
0100 0-00
F7Bh
TMR3H
Timer3 Register High Byte
xxxx xxxx
F7Ah
TMR3L
Timer3 Register Low Byte
xxxx xxxx
F79h
T3CON
TMR3CS1
TMR3CS0
T3CKPS1
T3CKPS0
T3OSCEN
T3SYNC
RD16
TMR3ON
0000 0000
F78h
TMR4
Timer4 Register
0000 0000
F77h
PR4
Timer4 Period Register
1111 1111
F76H
T4CON
—
T4OUTPS3 T4OUTPS2 T4OUTPS1 T4OUTPS0
TMR4ON
T4CKPS1
T4CKPS0
-000 0000
F75h
SSP2BUF
MSSP2 Receive Buffer/Transmit Register
xxxx xxxx
F74h
SSP2ADD
MSSP2 Address Register (I2C™ Slave mode)/MSSP2 Baud Rate Reload Register (I2C Master mode)
0000 0000
F74h
SSP2MSK
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
1111 1111
F73h
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
F72h
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
F71h
SSP2CON2
GCEN
ACKSTAT
ACKDT
ADMSK5
ACKEN
ADMSK4
RCEN
ADMSK3
PEN
ADMSK2
RSEN
ADMSK1
SEN
0000 0000
F70h
CMSTAT
—
—
—
—
—
COUT3
COUT2
COUT1
---- -111
F6Fh
PMADDRH/
PMDOUT1H(2)
—
CS1
Parallel Master Port Address High Byte
-000 0000
Parallel Port Out Data High Byte (Buffer 1)
0000 0000
F6Eh
PMADDRL/
PMDOUT1L(2)
Parallel Master Port Address Low Byte/
Parallel Port Out Data Low Byte (Buffer 1)
0000 0000
F6Dh
PMDIN1H(2)
Parallel Port In Data High Byte (Buffer 1)
0000 0000
F6Ch
PMDIN1L(2)
Parallel Port In Data Low Byte (Buffer 1)
0000 0000
F6Bh
TXADDRL
SPI DMA Transmit Data Pointer Low Byte
0000 0000
F6Ah
TXADDRH
—
—
—
—
SPI DMA Transmit Data Pointer High Byte
---- 0000
F69h
RXADDRL
SPI DMA Receive Data Pointer Low Byte
0000 0000
F68h
RXADDRH
—
—
—
—
SPI DMA Receive Data Pointer High Byte
---- 0000
F67h
DMABCL
SPI DMA Byte Count Low Byte
0000 0000
F66h
DMABCH
—
—
—
—
—
—
SPI DMA Byte Count High
Byte
---- --00
F5Fh
PMCONH(2)
PMPEN
—
—
ADRMUX1
ADRMUX0
PTBEEN
PTWREN
PTRDEN
0--0 0000
F5Eh
PMCONL(2)
CSF1
CSF0
ALP
—
CS1P
BEP
WRSP
RDSP
000- 0000
F5Dh
PMMODEH(2)
BUSY
IRQM1
IRQM0
INCM1
INCM0
MODE16
MODE1
MODE0
0000 0000
F5Ch
PMMODEL(2)
WAITB1
WAITB0
WAITM3
WAITM2
WAITM1
WAITM0
WAITE1
WAITE0
0000 0000
F5Bh
PMDOUT2H(2) Parallel Port Out Data High Byte (Buffer 2)
0000 0000
F5Ah
PMDOUT2L(2) Parallel Port Out Data Low Byte (Buffer 2)
0000 0000
F59h
PMDIN2H(2)
Parallel Port In Data High Byte (Buffer 2)
0000 0000
F58h
PMDIN2L(2)
Parallel Port In Data Low Byte (Buffer 2)
0000 0000
F57h
PMEH(2)
PTEN15
PTEN14
PTEN13
PTEN12
PTEN11
PTEN10
PTEN9
PTEN8
0000 0000
F56h
PMEL(2)
PTEN7
PTEN6
PTEN5
PTEN4
PTEN3
PTEN2
PTEN1
PTEN0
0000 0000
F55h
PMSTATH(2)
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
00-- 0000
F54h
PMSTATL(2)
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
10-- 1111
F53h
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
F52h
CCPTMRS0
C3TSEL1
C3TSEL0
C2TSEL2
C2TSEL1
C2TSEL0
C1TSEL2
C1TSEL1
C1TSEL0
0000 0000
F51h
CCPTMRS1
C7TSEL1
C7TSEL0
—
C6TSEL0
—
C5TSEL0
C4TSEL1
C4TSEL0
00-0 -000
F50h
CCPTMRS2
—
—
—
C10TSEL0
—
C9TSEL0
C8TSEL1
C8TSEL0
---0 -000
F4Fh
DSGPR1
Deep Sleep Persistent General Purpose Register (contents retained even in Deep Sleep)
xxxx xxxx
F4Eh
DSGPR0
Deep Sleep Persistent General Purpose Register (contents retained even in Deep Sleep)
xxxx xxxx
F4Dh
DSCONH
DSEN
—
—
—
—
CFGPER2
DSULPEN
RTCWDIS 0--- -000
F4Ch
DSCONL
—
—
—
—
—
ULPWDIS
DSBOR
RELEASE
---- -000
TABLE 6-4:
REGISTER FILE SUMMARY (PIC18F47J13 FAMILY) (CONTINUED)
Addr.
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Note 1:
Applicable for 28-pin devices (PIC18F26J13, PIC18F27J13, PIC18LF26J13 and PIC18LF27J13).
2:
Applicable for 44-pin devices (PIC18F46J13, PIC18F47J13, PIC18LF46J13 and PIC18LF47J13).
3:
Value on POR, BOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com