Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J13-E/ML Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC18F46J13-E/ML
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J13-E/ML Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC18F46J13-E/ML Datasheet HTML 43Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 44Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 45Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 46Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 47Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 48Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 49Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 50Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 558 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39974A-page 47
PIC18F47J13 FAMILY
4.0
LOW-POWER MODES
The PIC18F47J13 family devices can manage power
consumption through clocking to the CPU and the
peripherals. In general, reducing the clock frequency
and number of circuits being clocked reduces power
consumption.
For managing power in an application, the primary
modes of operation are:
• Run Mode
• Idle Mode
• Sleep Mode
• Deep Sleep Mode
Additionally, there is an Ultra Low-Power Wake-up
(ULPWU) mode for generating an interrupt-on-change
on RA0.
These modes define which portions of the device are
clocked and at what speed.
• The Run and Idle modes can use any of the three
available clock sources (primary, secondary or
internal oscillator blocks).
• The Sleep mode does not use a clock source.
The ULPWU mode on RA0 allows a slow falling voltage
to generate an interrupt-on-change on RA0 without
excess current consumption. See Section 4.7 “Ultra
Low-Power Wake-up”
.
The
power-managed
modes
include
several
power-saving features offered on previous PIC®
devices, such as clock switching, ULPWU and Sleep
mode. In addition, the PIC18F47J13 family devices
have added a new power-managed Deep Sleep mode.
4.1
Selecting Power-Managed Modes
Selecting a power-managed mode requires these
decisions:
• Will the CPU be clocked?
• If so, which clock source will be used?
The IDLEN bit (OSCCON<7>) controls CPU clocking
and the SCS<1:0> bits (OSCCON<1:0>) select the
clock source. The individual modes, bit settings, clock
sources and affected modules are summarized in
Table 4-1.
4.1.1
CLOCK SOURCES
The SCS<1:0> bits allow the selection of one of three
clock sources for power-managed modes. They are:
• Primary clock source – Defined by the
FOSC<2:0> Configuration bits
• Timer1 clock – Provided by the secondary
oscillator
• Postscaled internal clock – Derived from the
internal oscillator block
4.1.2
ENTERING POWER-MANAGED
MODES
Switching from one clock source to another begins by
loading the OSCCON register. The SCS<1:0> bits
select the clock source.
Changing these bits causes an immediate switch to the
new clock source, assuming that it is running. The
switch also may be subject to clock transition delays.
These delays are discussed in Section 4.1.3 “Clock
Transitions and Status Indicators”
and subsequent
sections.
Entry to the power-managed Idle or Sleep modes is
triggered by the execution of a SLEEP instruction. The
actual mode that results depends on the status of the
IDLEN bit.
Depending on the current mode and the mode being
switched to, a change to a power-managed mode does
not always require setting all of these bits. Many transi-
tions may be done by changing the oscillator select
bits, the IDLEN bit or the DSEN bit prior to issuing a
SLEEP
instruction.
If the IDLEN and DSEN bits are already configured
correctly, it may only be necessary to perform a SLEEP
instruction to switch to the desired mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com