Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J13-E/ML Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC18F46J13-E/ML
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J13-E/ML Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC18F46J13-E/ML Datasheet HTML 85Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 86Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 87Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 88Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 89Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 90Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 91Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 92Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 558 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39974A-page 89
PIC18F47J13 FAMILY
FIGURE 6-6:
DATA MEMORY MAP FOR PIC18F47J13 FAMILY DEVICES
Bank 0
Bank 1
Bank 14
Bank 15
BSR3:BSR0
= 0000
= 0001
= 1111
060h
05Fh
F5Fh
FFFh
00h
5Fh
60h
FFh
Access Bank
When a = 0:
The BSR is ignored and the
Access Bank is used.
The first 96 bytes are general
purpose RAM (from Bank 0).
The remaining 160 bytes are
Special
Function
Registers
(from Bank 15).
When a = 1:
The BSR specifies the bank
used by the instruction.
EAFh
F00h
EFFh
1FFh
100h
0FFh
000h
Access RAM
FFh
00h
FFh
00h
FFh
00h
GPR
GPR
Access RAM High
Access RAM Low
Bank 2
= 0010
(SFRs)
2FFh
200h
Bank 3
FFh
00h
GPR
FFh
= 0011
= 1101
GPR
GPR
GPR
GPR
GPR
GPR
GPR
GPR
GPR
GPR
4FFh
400h
5FFh
500h
3FFh
300h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
00h
GPR, BDT
GPR
= 0110
= 0111
= 1010
= 1100
= 1000
= 0101
= 1001
= 1011
= 0100
Bank 4
Bank 5
Bank 6
Bank 7
Bank 8
Bank 9
Bank 10
Bank 11
Bank 12
Bank 13
= 1110
6FFh
600h
7FFh
700h
8FFh
800h
9FFh
900h
AFFh
A00h
BFFh
B00h
CFFh
C00h
DFFh
D00h
E00h
Note 1:
Addresses, EB0h through F5Fh, are not part of the Access Bank. Either the BANKED or the MOVFF
instruction should be used to access these SFRs.
C0h
60h
Access SFRs
Non-Access SFR(1)
Non-Access SFR(1)
EB0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com