Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J13-E/ML Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC18F46J13-E/ML
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J13-E/ML Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC18F46J13-E/ML Datasheet HTML 69Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 70Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 71Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 72Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 73Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 74Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 75Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 76Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 558 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39974A-page 73
PIC18F47J13 FAMILY
PSTR1CON
PIC18F2XJ13
PIC18F4XJ13
00-0 0001
00-0 0001
uu-u uuuu
ECCP1AS
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
ECCP1DEL
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
CCPR1H
PIC18F2XJ13
PIC18F4XJ13
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
PIC18F2XJ13
PIC18F4XJ13
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
PSTR2CON
PIC18F2XJ13
PIC18F4XJ13
00-0 0001
00-0 0001
uu-u uuuu
ECCP2AS
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
ECCP2DEL
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
CCPR2H
PIC18F2XJ13
PIC18F4XJ13
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
PIC18F2XJ13
PIC18F4XJ13
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
CTMUCONH
PIC18F2XJ13
PIC18F4XJ13
0-00 0000
0-00 0000
u-uu uuuu
CTMUCONL
PIC18F2XJ13
PIC18F4XJ13
0000 00xx
0000 00xx
uuuu uuuu
CTMUICON
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
SPBRG1
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
RCREG1
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
TXREG1
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
TXSTA1
PIC18F2XJ13
PIC18F4XJ13
0000 0010
0000 0010
uuuu uuuu
RCSTA1
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
SPBRG2
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
RCREG2
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
TXREG2
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
TXSTA2
PIC18F2XJ13
PIC18F4XJ13
0000 0010
0000 0010
uuuu uuuu
EECON2
PIC18F2XJ13
PIC18F4XJ13
---- ----
---- ----
---- ----
EECON1
PIC18F2XJ13
PIC18F4XJ13
--00 x00-
--00 q00-
--00 u00-
IPR3
PIC18F2XJ13
PIC18F4XJ13
1111 1111
1111 1111
uuuu uuuu
PIR3
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu(3)
PIE3
PIC18F2XJ13
PIC18F4XJ13
0000 0000
0000 0000
uuuu uuuu
IPR2
PIC18F2XJ13
PIC18F4XJ13
111- 1111
111- 1111
uuu- uuuu
PIR2
PIC18F2XJ13
PIC18F4XJ13
000- 0000
000- 0000
uuu- uuuu(3)
PIE2
PIC18F2XJ13
PIC18F4XJ13
000- 0000
000- 0000
uuu- uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 5-1 for the Reset value for a specific condition.
5:
Not implemented on PIC18F2XJ13 devices.
6:
Not implemented on “LF” devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com