Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J13-E/ML Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F46J13-E/ML
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J13-E/ML Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F46J13-E/ML Datasheet HTML 1Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 2Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 3Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 4Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 5Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 6Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 7Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 8Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 558 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39974A-page 3
PIC18F47J13 FAMILY
Power Management Features with
nanoWatt XLP for Extreme Low Power:
• Deep Sleep mode: CPU Off, Peripherals Off, SRAM Off,
Currents Down to 9 nA and 700 nA with RTCC:
- Able to wake-up on external triggers, programmable WDT
or RTCC alarm
- Ultra Low-Power Wake-up (ULPWU)
• Sleep mode: CPU Off, Peripherals Off, SRAM On, Fast
Wake-up, Currents Down to 0.2
A, 2V Typical
• Idle: CPU Off, SRAM On, Currents Down to
1.7
A Typical
• Run: CPU On, SRAM On, Currents Down to
5.8
A Typical
• Timer1 Oscillator w/RTCC: 0.7
A, 32 kHz Typical
• Watchdog Timer: 0.33
A, 2V Typical
Flexible Oscillator Structure:
• Two External Clock modes, Up to 48 MHz (12 MIPS)
• Integrated Crystal/Resonator Driver
• Low-Power 31 kHz Internal RC Oscillator
• Tunable Internal Oscillator (31 kHz to 8 MHz,
±0.15% Typical, ±1% Max.)
• Precision 48 MHz PLL or 4x PLL Options
• Low-Power Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor (FSCM):
- Allows for safe shutdown if any clock stops
• Programmable Reference Clock Output Generator
Peripheral Highlights:
• Peripheral Pin Select:
- Allows independent I/O mapping of many peripherals
- Continuous hardware integrity checking and safety
interlocks prevent unintentional configuration changes
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• High-Current Sink/Source 25 mA/25mA
(PORTB and PORTC)
• Four Programmable External Interrupts
• Four Input Change Interrupts
• Three Enhanced Capture/Compare/PWM
(ECCP) modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
- Pulse steering control
Peripheral Highlights (cont.):
• Seven Capture/Compare/PWM (CCP) modules
• Two Master Synchronous Serial Port (MSSP) modules
featuring:
- 3-wire SPI (all 4 modes)
- SPI Direct Memory Access (DMA) channel
w/1024 byte count
-I2C™ Master and Slave modes
• 8-Bit Parallel Master Port/Enhanced Parallel Slave Port
• Three Analog Comparators with Input Multiplexing
• 12-Bit Analog-to-Digital (A/D) Converter module:
- Up to 13 input channels
- Auto-acquisition capability
- 10-bit mode for 100 ksps conversion speed
- Conversion available during Sleep
• High/Low-Voltage Detect module
• Charge Time Measurement Unit (CTMU):
- Provides a precise resolution time measurement
for both flow measurement and simple temperature
sensing
- Supports capacitive touch sensing for touch
screens and capacitive switches
• Two Enhanced USART modules:
- Supports RS-485, RS-232 and LIN/J2602
- Auto-wake-up on Start bit
- Auto-Baud Detect (ABD)
Special Microcontroller Features:
• 5.5V Tolerant Inputs (digital only pins)
• Low-Power, High-Speed CMOS Flash Technology
• C Compiler Optimized Architecture for Re-Entrant Code
• Priority Levels for Interrupts
• Self-Programmable under Software Control
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™ (ICSP™)
via Two Pins
• In-Circuit Debug (ICD) with 3 Breakpoints via Two Pins
• Operating Voltage Range of 2.0V to 3.6V
• On-Chip 2.5V Regulator
• Flash Program Memory of 10,000 Erase/Write Cycles
Minimum and 20-Year Data Retention
PIC18F47J13 Family 28/44-Pin, High-Performance Microcontrollers
with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com