Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J13-E/ML Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC18F46J13-E/ML
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J13-E/ML Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC18F46J13-E/ML Datasheet HTML 36Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 37Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 38Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 39Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 40Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 41Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 42Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 43Page - Microchip Technology PIC18F46J13-E/ML Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 558 page
background image
PIC18F47J13 FAMILY
DS39974A-page 40
Preliminary
 2010 Microchip Technology Inc.
REGISTER 3-1:
OSCTUNE: OSCILLATOR TUNING REGISTER (ACCESS F9Bh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INTSRC
PLLEN(1)
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
INTSRC:
Internal Oscillator Low-Frequency Source Select bit
1
= 31.25 kHz device clock derived from 8 MHz INTOSC source (divide-by-256 enabled)
0
= 31 kHz device clock derived directly from INTRC internal oscillator
bit 6
PLLEN:
Frequency Multiplier Enable bit(1)
1
= PLL is enabled
0
= PLL is disabled
bit 5-0
TUN<5:0>:
Frequency Tuning bits
011111
= Maximum frequency
011110
•
•
•
000001
000000
= Center frequency; oscillator module is running at the calibrated frequency
111111
•
•
•
100000
= Minimum frequency
Note 1:
When the CFGPLLEN Configuration bit is used to enable the PLL, clearing OSCTUNE<6> will not disable
the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com