Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SS Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 18Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 19Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 20Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 21Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 22Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 23Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 24Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 25Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 20
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 3-1:
PIC24F CPU CORE BLOCK DIAGRAM
TABLE 3-1:
CPU CORE REGISTERS
Instruction
Decode and
Control
PCH
PCL
16
Program Counter
16-Bit ALU
23
23
24
23
Data Bus
Instruction Reg
16
16 x 16
W Register Array
Divide
Support
ROM Latch
16
EA MUX
RAGU
WAGU
16
16
8
Interrupt
Controller
PSV and Table
Data Access
Control Block
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Data RAM
Address
Latch
Control Signals
to Various Blocks
Program Memory
Data Latch
Address Bus
16
16
16
Hardware
Multiplier
16
To Peripheral Modules
Address Latch
Data EEPROM
Register(s) Name
Description
W0 through W15
Working Register Array
PC
23-Bit Program Counter
SR
ALU STATUS Register
SPLIM
Stack Pointer Limit Value Register
TBLPAG
Table Memory Page Address Register
PSVPAG
Program Space Visibility Page Address Register
RCOUNT
Repeat Loop Counter Register
CORCON
CPU Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com