Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SS Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 32Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 33Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 34Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 35Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 36Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 37Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 38Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 39Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 254 page
background image
TABLE 4-15:
ADC REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Resets
ADC1BUF0
0300
ADC Data Buffer 0
xxxx
ADC1BUF1
0302
ADC Data Buffer 1
xxxx
ADC1BUF2
0304
ADC Data Buffer 2
xxxx
ADC1BUF3
0306
ADC Data Buffer 3
xxxx
ADC1BUF4
0308
ADC Data Buffer 4
xxxx
ADC1BUF5
030A
ADC Data Buffer 5
xxxx
ADC1BUF6
030C
ADC Data Buffer 6
xxxx
ADC1BUF7
030E
ADC Data Buffer 7
xxxx
ADC1BUF8
0310
ADC Data Buffer 8
xxxx
ADC1BUF9
0312
ADC Data Buffer 9
xxxx
ADC1BUFA
0314
ADC Data Buffer 10
xxxx
ADC1BUFB
0316
ADC Data Buffer 11
xxxx
ADC1BUFC
0318
ADC Data Buffer 12
xxxx
ADC1BUFD
031A
ADC Data Buffer 13
xxxx
ADC1BUFE
031C
ADC Data Buffer 14
xxxx
ADC1BUFF
031E
ADC Data Buffer 15
xxxx
AD1CON1
0320
ADON
—ADSIDL
—
—
—
FORM1
FORM0
SSRC2
SSRC1
SSRC0
—
—
ASAM
SAMP
DONE
0000
AD1CON2
0322
VCFG2
VCFG1
VCFG0
OFFCAL
—CSCNA
—
—BUFS
—
SMPI3
SMPI2
SMPI1
SMPI0
BUFM
ALTS
0000
AD1CON3
0324
ADRC
—
—
SAMC4
SAMC3
SAMC2
SAMC1
SAMC0
—
—
ADCS5
ADCS4
ADCS3
ADCS2
ADCS1
ADCS0
0000
AD1CHS
0328
CH0NB
—
—
—
CH0SB3
CH0SB2
CH0SB1
CH0SB0
CH0NA
—
—
CH0SA4
CH0SA3
CH0SA2
CH0SA1
CH0SA0
0000
AD1PCFG
032C
—
—
—
PCFG12
PCFG11
PCFG10
—
—
—
—
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
AD1CSSL
0330
—
—
—
CSSL12
CSSL11
CSSL10
—
—
—
—
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-16:
CTMU REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CTMUCON 033C CTMUEN
—
CTMUSIDL TGEN
EDGEN EDGSEQEN IDISSEN CTTRIG EDG2POL EDG2SEL1 EDG2SEL0 EDG1POL EDG1SEL1 EDG1SEL0 EDG2STAT EDG1STAT 0000
CTMUICON 033E
ITRIM5 ITRIM4
ITRIM3
ITRIM2 ITRIM1
ITRIM0
IRNG1
IRNG0
—
—
—
—
—
—
—
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com