Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SS Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 33Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 34Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 35Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 36Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 37Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 38Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 39Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 40Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 254 page
background image
TABLE 4-17:
REAL-TIME CLOCK AND CALENDAR REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ALRMVAL
0620
Alarm Value Register Window Based on ALRMPTR<15:0>
xxxx
ALCFGRPT 0622
ALRMEN CHIME
AMASK3
AMASK2
AMASK1
AMASK0 ALRMPTR1 ALRMPTR0 ARPT7
ARPT6
ARPT5
ARPT4
ARPT3
ARPT2
ARPT1
ARPT0
0000
RTCVAL
0624
RTCC Value Register Window Based on RTCPTR<15:0>
xxxx
RCFGCAL
0626
RTCEN
—
RTCWREN RTCSYNC HALFSEC
RTCOE
RTCPTR1
RTCPTR0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-18:
DUAL COMPARATOR REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CMSTAT
0630
CMSIDL
—
—
—
—
—
C2EVT
C1EVT
—
—
—
—
—
—
C2OUT
C1OUT
0000
CVRCON
0632
—
—
—
—
—
—
—
—
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000
CM1CON
0634
CON
COE
CPOL
CLPWR
—
—
CEVT
COUT
EVPOL1
EVPOL0
—CREF
—
—
CCH1
CCH0
0000
CM2CON
0636
CON
COE
CPOL
CLPWR
—
—
CEVT
COUT
EVPOL1
EVPOL0
—CREF
—
—
CCH1
CCH0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-19:
CRC REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CRCCON
0640
—
—
CSIDL
VWORD4 VWORD3 VWORD2 VWORD1 VWORD0 CRCFUL CRCMPT
—
CRCGO
PLEN3
PLEN2
PLEN1
PLEN0
0040
CRCXOR
0642
X<15:1>
—
0000
CRCDAT
0644
CRC Data Input Register
0000
CRCWDAT
0646
CRC Result Register
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com