Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SS Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 91Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 92Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 93Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 94Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 95Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 96Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 97Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 98Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 93
PIC24F16KA102 FAMILY
9.3
Control Registers
The operation of the oscillator is controlled by three
Special Function Registers (SFRs):
• OSCCON
•CLKDIV
•OSCTUN
The OSCCON register (Register 9-1) is the main con-
trol register for the oscillator. It controls clock source
switching and allows the monitoring of clock sources.
The Clock Divider register (Register 9-2) controls the
features associated with Doze mode, as well as the
postscaler for the FRC oscillator.
The FRC Oscillator Tune register (Register 9-3) allows
the user to fine tune the FRC oscillator over a range of
approximately ±12%. Each bit increment or decrement
changes the factory calibrated frequency of the FRC
oscillator by a fixed amount.
REGISTER 9-1:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
R-0, HSC
R-0, HSC
R-0, HSC
U-0
R/W-x(1)
R/W-x(1)
R/W-x(1)
—
COSC2
COSC1
COSC0
—
NOSC2
NOSC1
NOSC0
bit 15
bit 8
R/SO-0, HSC
U-0
R-0, HSC(2)
U-0
R/CO-0, HS
U-0
R/W-0
R/W-0
CLKLOCK
—LOCK
—CF
—
SOSCEN
OSWEN
bit 7
bit 0
Legend:
CO = Clear Only bit
SO = Set Only bit
HS = Hardware Settable bit HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
COSC<2:0>:
Current Oscillator Selection bits
111
= 8 MHz Fast RC Oscillator with Postscaler (FRCDIV)
110
= 500 kHz Low-Power Fast RC Oscillator (FRC) with Postscaler (LPFRCDIV)
101
= Low-Power RC Oscillator (LPRC)
100
= Secondary Oscillator (SOSC)
011
= Primary Oscillator with PLL module (XTPLL, HSPLL, ECPLL)
010
= Primary Oscillator (XT, HS, EC)
001
= 8 MHz FRC Oscillator with Postscaler and PLL module (FRCPLL)
000
= 8 MHz FRC Oscillator (FRC)
bit 11
Unimplemented:
Read as ‘0’
bit 10-8
NOSC<2:0>:
New Oscillator Selection bits(1)
111
= 8 MHz Fast RC Oscillator with Postscaler (FRCDIV)
110
= 500 kHz Low-Power Fast RC Oscillator (FRC) with Postscaler (LPFRCDIV)
101
= Low-Power RC Oscillator (LPRC)
100
= Secondary Oscillator (SOSC)
011
= Primary Oscillator with PLL module (XTPLL, HSPLL, ECPLL)
010
= Primary Oscillator (XT, HS, EC)
001
= 8 MHz FRC Oscillator with Postscaler and PLL module (FRCPLL)
000
= 8 MHz FRC Oscillator (FRC)
Note 1:
Reset values for these bits are determined by the FNOSC Configuration bits.
2:
Also resets to ‘0’ during any valid clock switch or whenever a non-PLL Clock mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com