Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SS Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 12Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 13Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 14Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 15Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 16Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 17Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 18Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 19Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 14
Preliminary
© 2009 Microchip Technology Inc.
T1CK
10
7
12
9
I
ST
Timer1 Clock
T2CK
18
15
26
23
I
ST
Timer2 Clock
T3CK
18
15
26
23
I
ST
Timer3 Clock
U1CTS
12
9
17
14
I
ST
UART1 Clear to Send Input
U1RTS
13
10
18
15
O
—
UART1 Request to Send Output
U1RX
6
3
6
3
I
ST
UART1 Receive
U1TX
11
8
16
13
O
—
UART1 Transmit Output
VDD
20
17
13, 28
10, 25
P
—
Positive Supply for Peripheral Digital Logic and
I/O Pins
VPP
1
18
1
26
P
—
Programming Mode Entry Voltage
VREF-
3
20
3
28
I
ANA
A/D and Comparator Reference Voltage (low)
Input
VREF+
2
19
2
27
I
ANA
A/D and Comparator Reference Voltage (high)
Input
VSS
19
16
8, 27
5, 24
P
—
Ground Reference for Logic and I/O Pin
TABLE 1-2:
PIC24F16KA102 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
20-Pin
PDIP/SSOP/
SOIC
20-Pin
QFN
28-Pin
SPDIP/
SSOP/SOIC
28-Pin
QFN
Legend:
ST = Schmitt Trigger input buffer, ANA = Analog level input/output, I2C™ = I2C/SMBus input buffer
Note
1:
Alternative multiplexing when the I2C1SEL Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com