Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SS Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 23Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 24Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 25Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 26Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 27Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 28Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 29Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 30Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 25
PIC24F16KA102 FAMILY
4.0
MEMORY ORGANIZATION
As with Harvard architecture devices, the PIC24F
microcontrollers feature separate program and data
memory space and busing. This architecture also
allows the direct access of program memory from the
data space during code execution.
4.1
Program Address Space
The program address memory space of the PIC24F
devices is 4M instructions. The space is addressable by
a 24-bit value derived from either the 23-bit Program
Counter (PC) during program execution, or from a table
operation or data space remapping, as described in
Section 4.3 “Interfacing Program and Data Memory
Spaces”
.
The user access to the program memory space is
restricted to the lower half of the address range
(000000h to 7FFFFFh). The exception is the use of
TBLRD/TBLWT
operations, which use TBLPAG<7> to
permit access to the Configuration bits and Device ID
sections of the configuration memory space.
Memory maps for the PIC24F16KA102 family of
devices are displayed in Figure 4-1.
FIGURE 4-1:
PROGRAM SPACE MEMORY MAP FOR PIC24F16KA102 FAMILY DEVICES
000000h
0000FEh
000002h
000100h
F80010h
F80012h
FEFFFEh
FFFFFFh
000004h
000200h
0001FEh
000104h
Note:
Memory areas are not displayed to scale.
Reset Address
Device Config Registers
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24F16KA102
FF0000h
F7FFFEh
F80000h
800000h
7FFFFFh
Reserved
Unimplemented
Read ‘0’
Reset Address
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24F08KA102
Device Config Registers
Reserved
Unimplemented
Read ‘0’
0015FEh
002BFE
User Flash
Program Memory
(5632 instructions)
7FFE00h
Data EEPROM
Data EEPROM
Flash
Program Memory
(2816 instructions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com