Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SS Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 58Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 59Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 60Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 61Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 62Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 63Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 64Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 65Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 60
Preliminary
© 2009 Microchip Technology Inc.
7.2
Device Reset Times
The Reset times for various types of device Reset are
summarized in Table 7-3. Note that the system Reset
signal, SYSRST, is released after the POR and PWRT
delay times expire.
The time at which the device actually begins to execute
code will also depend on the system oscillator delays,
which include the Oscillator Start-up Timer (OST) and
the PLL lock time. The OST and PLL lock times occur
in parallel with the applicable SYSRST delay times.
The FSCM delay determines the time at which the
FSCM begins to monitor the system clock source after
the SYSRST signal is released.
TABLE 7-3:
RESET DELAY TIMES FOR VARIOUS DEVICE RESETS
Reset Type
Clock Source
SYSRST Delay
System Clock
Delay
Notes
POR(6)
EC
TPOR + TPWRT
—
1, 2
FRC, FRCDIV
TPOR + TPWRT
TFRC
1, 2, 3
LPRC
TPOR + TPWRT
TLPRC
1, 2, 3
ECPLL
TPOR + TPWRT
TLOCK
1, 2, 4
FRCPLL
TPOR + TPWRT
TFRC + TLOCK 1, 2, 3, 4
XT, HS, SOSC
TPOR+ TPWRT
TOST
1, 2, 5
XTPLL, HSPLL
TPOR + TPWRT
TOST + TLOCK
1, 2, 4, 5
BOR
EC
TPWRT
—
2
FRC, FRCDIV
TPWRT
TFRC
2, 3
LPRC
TPWRT
TLPRC
2, 3
ECPLL
TPWRT
TLOCK
2, 4
FRCPLL
TPWRT
TFRC + TLOCK 2, 3, 4
XT, HS, SOSC
TPWRT
TOST
2, 5
XTPLL, HSPLL
TPWRT
TFRC + TLOCK 2, 3, 4
All Others
Any Clock
—
—
None
Note 1:
TPOR = Power-on Reset delay.
2:
TPWRT = 64 ms nominal if the Power-up Timer is enabled; otherwise, it is zero.
3:
TFRC and TLPRC = RC Oscillator start-up times.
4:
TLOCK = PLL lock time.
5:
TOST = Oscillator Start-up Timer (OST). A 10-bit counter waits 1024 oscillator periods before releasing
oscillator clock to the system.
6:
If Two-Speed Start-up is enabled, regardless of the Primary Oscillator selected, the device starts with FRC,
and in such cases, FRC start-up time is valid.
Note:
For detailed operating frequency and timing specifications, see Section 29.0 “Electrical Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com