Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 120Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 121Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 122Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 123Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 124Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 125Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 126Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 127Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 122
Preliminary
© 2009 Microchip Technology Inc.
15.3
Pulse-Width Modulation (PWM)
Mode
The following steps should be taken when configuring
the output compare module for PWM operation:
1.
Set the PWM period by writing to the selected
Timer Period register (PRy).
2.
Set the PWM duty cycle by writing to the OC1RS
register.
3.
Write the OC1R register with the initial duty
cycle.
4.
Enable interrupts, if required, for the timer and
output compare modules. The output compare
interrupt is required for PWM Fault pin
utilization.
5.
Configure the output compare module for one of
two PWM Operation modes by writing to the
Output
Compare
Mode
bits,
OCM<2:0>
(OC1CON<2:0>).
6.
Set the TMRy prescale value and enable the
time base by setting TON (TxCON<15>) = 1.
15.3.1
PWM PERIOD
The PWM period is specified by writing to PRy, the
Timer Period register. The PWM period can be
calculated using Equation 15-1.
EQUATION 15-1:
CALCULATING THE PWM
PERIOD(1)
15.3.2
PWM DUTY CYCLE
The PWM duty cycle is specified by writing to the
OC1RS register. The OC1RS register can be written to
at any time, but the duty cycle value is not latched into
OC1R until a match between PRy and TMRy occurs
(i.e., the period is complete). This provides a double
buffer for the PWM duty cycle and is essential for
glitchless PWM operation. In PWM mode, OC1R is a
read-only register.
Some important boundary parameters of the PWM duty
cycle include:
• If the Output Compare 1 register, OC1R, is loaded
with 0000h, the OC1 pin will remain low (0% duty
cycle).
• If OC1R is greater than PRy (Timer Period
register), the pin will remain high (100% duty
cycle).
• If OC1R is equal to PRy, the OC1 pin will be low
for one time base count value and high for all
other count values.
See Example 15-1 for PWM mode timing details.
Table 15-1 provides an example of PWM frequencies
and resolutions for a device operating at 10 MIPS.
EQUATION 15-2:
CALCULATION FOR MAXIMUM PWM RESOLUTION(1)
Note:
The OC1R register should be initialized
before the output compare module is first
enabled. The OC1R register becomes a
read-only Duty Cycle register when the
module is operated in the PWM modes.
The value held in OC1R will become the
PWM duty cycle for the first PWM period.
The contents of the Output Compare 1
Secondary register, OC1RS, will not be
transferred into OC1R until a time base
period match occurs.
Note:
A PRy value of N will produce a PWM
period of N + 1 time base count cycles. For
example, a value of 7 written into the PRy
register will yield a period consisting of
8 time base cycles.
PWM Period = [(PRy) + 1] • TCY • (Timer Prescale Value)
PWM Frequency = 1/[PWM Period]
where:
Note 1:
Based on TCY = 2 * TOSC, Doze mode
and PLL are disabled.
(
)
Maximum PWM Resolution (bits) =
FCY
FPWM • (Timer Prescale Value)
log10
log10(2)
bits
Note 1:
Based on FCY = FOSC/2, Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com