Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 121Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 122Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 123Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 124Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 125Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 126Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 127Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 128Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 123
PIC24F16KA102 FAMILY
EXAMPLE 15-1:
PWM PERIOD AND DUTY CYCLE CALCULATIONS(1)
TABLE 15-1:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 4 MIPS (FCY = 4 MHz)(1)
TABLE 15-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 16 MIPS (FCY = 16 MHz)(1)
PWM Frequency
7.6 Hz
61 Hz
122 Hz
977 Hz
3.9 kHz
31.3 kHz
125 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
Note 1:
Based on FCY = FOSC/2, Doze mode and PLL are disabled.
PWM Frequency
30.5 Hz
244 Hz
488 Hz
3.9 kHz
15.6 kHz
125 kHz
500 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
Note 1:
Based on FCY = FOSC/2, Doze mode and PLL are disabled.
1.
Find the Timer Period register value for a desired PWM frequency of 52.08 kHz, where FOSC = 8 MHz with PLL
(32 MHz device clock rate) and a Timer2 prescaler setting of 1:1.
TCY = 2 * TOSC = 62.5 ns
PWM Period = 1/PWM Frequency = 1/52.08 kHz = 19.2
μs
PWM Period = (PR2 + 1) • TCY • (Timer 2 Prescale Value)
19.2
μs = (PR2 + 1) • 62.5 ns • 1
PR2 = 306
2.
Find the maximum resolution of the duty cycle that can be used with a 52.08 kHz frequency and a 32 MHz
device clock rate:
PWM Resolution = log10(FCY/FPWM)/log102) bits
= (log10(16 MHz/52.08 kHz)/log102) bits
= 8.3 bits
Note 1:
Based on TCY = 2 * TOSC, Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com