Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 136Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 137Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 138Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 139Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 140Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 141Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 142Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 143Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 138
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 17-1:
I2C1CON: I2C1 CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-1 HC
R/W-0
R/W-0
R/W-0
R/W-0
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0, HC
R/W-0, HC
R/W-0, HC
R/W-0, HC
R/W-0, HC
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
I2CEN:
I2C1 Enable bit
1
= Enables the I2C1 module and configures the SDA1 and SCL1 pins as serial port pins
0
= Disables the I2C1 module; all I2C™ pins are controlled by port functions
bit 14
Unimplemented:
Read as ‘0’
bit 13
I2CSIDL:
Stop in Idle Mode bit
1
= Discontinues module operation when device enters an Idle mode
0
= Continues module operation in Idle mode
bit 12
SCLREL:
SCL1 Release Control bit (when operating as I2C slave)
1
= Releases SCL1 clock
0
= Holds SCL1 clock low (clock stretch)
If STREN = 1:
Bit is R/W (i.e., software may write ‘0’ to initiate stretch and write ‘1’ to release clock). Hardware clear at
beginning of slave transmission. Hardware clear at end of slave reception.
If STREN = 0:
Bit is R/S (i.e., software may only write ‘1’ to release clock). Hardware clear at beginning of slave transmission.
bit 11
IPMIEN:
Intelligent Peripheral Management Interface (IPMI) Enable bit
1
= IPMI Support mode is enabled; all addresses Acknowledged
0
= IPMI Support mode is disabled
bit 10
A10M:
10-Bit Slave Addressing bit
1
= I2C1ADD is a 10-bit slave address
0
= I2C1ADD is a 7-bit slave address
bit 9
DISSLW:
Disable Slew Rate Control bit
1
= Slew rate control disabled
0
= Slew rate control enabled
bit 8
SMEN:
SMBus Input Levels bit
1
= Enables I/O pin thresholds compliant with the SMBus specification
0
= Disables the SMBus input thresholds
bit 7
GCEN:
General Call Enable bit (when operating as I2C slave)
1
= Enables interrupt when a general call address is received in the I2C1RSR (module is enabled for
reception)
0
= General call address disabled
bit 6
STREN:
SCL1 Clock Stretch Enable bit (when operating as I2C slave)
Used in conjunction with the SCLREL bit.
1
= Enables software or receive clock stretching
0
= Disables software or receive clock stretching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com