Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 140Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 141Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 142Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 143Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 144Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 145Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 146Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 147Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 142
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 17-3:
I2C1MSK: I2C1 SLAVE MODE ADDRESS MASK REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
AMSK9
AMSK8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
AMSK7
AMSK6
AMSK5
AMSK4
AMSK3
AMSK2
AMSK1
AMSK0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
Unimplemented:
Read as ‘0’
bit 9-0
AMSK<9:0>:
Mask for Address Bit x Select bits
1
= Enable masking for bit x of incoming message address; bit match not required in this position
0
= Disable masking for bit x; bit match required in this position
REGISTER 17-4:
PADCFG1: PAD CONFIGURATION CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
—
—
—
SMBUSDEL OC1TRIS(3) RTSECSEL1(1,3)
RTSECSEL0(1,3)
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented:
Read as ‘0’
bit 4
SMBUSDEL:
SMBus SDA Input Delay Select bit
1
= The I2C module is configured for a longer SMBus input delay (nominal 300 ns delay)
0
= The 12C module is configured for a legacy input delay (nominal 150 ns delay)
bit 0
Unimplemented:
Read as ‘0’
Note 1:
To enable the actual RTCC output, the RTCOE (RCFGCAL<10>) bit needs to be set.
2:
To enable the actual OC1 output, the OCPWM1 module has to be enabled.
3:
Bits 3, 2 and 1 are described in related chapters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com