Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 141Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 142Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 143Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 144Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 145Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 146Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 147Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 148Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 143
PIC24F16KA102 FAMILY
18.0
UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The Universal Asynchronous Receiver Transmitter
(UART) module is one of the serial I/O modules avail-
able in this PIC24F device family. The UART is a
full-duplex asynchronous system that can communicate
with peripheral devices, such as personal computers,
LIN, RS-232 and RS-485 interfaces. This module also
supports a hardware flow control option with the UxCTS
and UxRTS pins, and also includes an IrDA® encoder
and decoder.
The primary features of the UART module are:
• Full-Duplex, 8-Bit or 9-Bit Data Transmission
through the UxTX and UxRX pins
• Even, Odd or No Parity Options (for 8-bit data)
• One or Two Stop bits
• Hardware Flow Control Option with UxCTS and
UxRTS pins
• Fully Integrated Baud Rate Generator (IBRG) with
16-Bit Prescaler
• Baud Rates Ranging from 1 Mbps to 15 bps at
16 MIPS
• 4-Deep, First-In-First-Out (FIFO) Transmit Data
Buffer
• 4-Deep FIFO Receive Data Buffer
• Parity, Framing and Buffer Overrun Error
Detection
• Support for 9-Bit mode with Address Detect (9th
bit = 1)
• Transmit and Receive Interrupts
• Loopback mode for Diagnostic Support
• Support for Sync and Break Characters
• Supports Automatic Baud Rate Detection
• IrDA Encoder and Decoder Logic
• 16x Baud Clock Output for IrDA Support
A simplified block diagram of the UART is displayed in
Figure 18-1. The UART module consists of these
important hardware elements:
• Baud Rate Generator
• Asynchronous Transmitter
• Asynchronous Receiver
FIGURE 18-1:
UART SIMPLIFIED BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Universal
Asynchronous
Receiver
Transmitter, refer to the “PIC24F Family
Reference Manual”
, Section 21. “UART”
(DS39708).
UxRX
IrDA®
Hardware Flow Control
UARTx Receiver
UARTx Transmitter
UxTX
UxCTS
UxRTS
UxBCLK
Baud Rate Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com