Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 165Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 166Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 167Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 168Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 169Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 170Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 171Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 172Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 167
PIC24F16KA102 FAMILY
21.0
HIGH/LOW-VOLTAGE DETECT
(HLVD)
The High/Low-Voltage Detect module (HLVD) is a
programmable circuit that allows the user to specify
both the device voltage trip point and the direction of
change.
An interrupt flag is set if the device experiences an
excursion past the trip point in the direction of change.
If the interrupt is enabled, the program execution will
branch to the interrupt vector address and the software
can then respond to the interrupt.
The HLVD Control register (see Register 21-1)
completely controls the operation of the HLVD module.
This allows the circuitry to be “turned off” by the user
under software control, which minimizes the current
consumption for the device.
FIGURE 21-1:
HIGH/LOW-VOLTAGE DETECT (HLVD) MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
High/Low-Voltage Detect, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 36. “High-Level Integration
with Programmable High/Low-Voltage
Detect (HLVD)”
(DS39725).
Set
VDD
HLVDEN
HLVDL<3:0>
HLVDIN
VDD
Externally Generated
Trip Point
HLVDIF
HLVDEN
Internal Voltage
Reference
VDIR
1.2V Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com