Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 169Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 170Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 171Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 172Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 173Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 174Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 175Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 176Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 171
PIC24F16KA102 FAMILY
REGISTER 22-1:
AD1CON1: A/D CONTROL REGISTER 1
R/W-0
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
ADON(1)
—ADSIDL
—
—
—FORM1
FORM0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0, HSC
R/W-0, HSC
SSRC2
SSRC1
SSRC0
—
—
ASAM
SAMP
DONE
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADON:
A/D Operating Mode bit(1)
1
= A/D Converter module is operating
0
= A/D Converter is off
bit 14
Unimplemented:
Read as ‘0’
bit 13
ADSIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-10
Unimplemented:
Read as ‘0’
bit 9-8
FORM<1:0>:
Data Output Format bits
11
= Signed fractional (sddd dddd dd00 0000)
10
= Fractional (dddd dddd dd00 0000)
01
= Signed integer (ssss sssd dddd dddd)
00
= Integer (0000 00dd dddd dddd)
bit 7-5
SSRC<2:0>:
Conversion Trigger Source Select bits
111
= Internal counter ends sampling and starts conversion (auto-convert)
110
= CTMU event ends sampling and starts conversion
101
= Reserved
100
= Reserved
011
= Reserved
010
= Timer3 compare ends sampling and starts conversion
001
= Active transition on INT0 pin ends sampling and starts conversion
000
= Clearing SAMP bit ends sampling and starts conversion
bit 4-3
Unimplemented:
Read as ‘0’
bit 2
ASAM:
A/D Sample Auto-Start bit
1
= Sampling begins immediately after last conversion completes; SAMP bit is auto-set
0
= Sampling begins when SAMP bit is set
bit 1
SAMP:
A/D Sample Enable bit
1
= A/D sample/hold amplifier is sampling input
0
= A/D sample/hold amplifier is holding
bit 0
DONE:
A/D Conversion Status bit
1
= A/D conversion is done
0
= A/D conversion is not done
Note 1:
Values of ADC1BUFn registers will not retain their values once the ADON bit is cleared. Read out the
conversion values from the buffer before disabling the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com