Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 173Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 174Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 175Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 176Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 177Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 178Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 179Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 180Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 175
PIC24F16KA102 FAMILY
REGISTER 22-5:
AD1PCFG: A/D PORT CONFIGURATION REGISTER
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
—
—
—
PCFG12
PCFG11
PCFG10
—
—
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented:
Read as ‘0’
bit 12-10
PCFG<12:10>:
Analog Input Pin Configuration Control bits
1
= Pin for corresponding analog channel is configured in Digital mode; I/O port read enabled
0
= Pin configured in Analog mode; I/O port read disabled; A/D samples pin voltage
bit 9-6
Unimplemented:
Read as ‘0’
bit 5-0
PCFG<5:0>:
Analog Input Pin Configuration Control bits
1
= Pin for corresponding analog channel is configured in Digital mode; I/O port read enabled
0
= Pin configured in Analog mode; I/O port read disabled; A/D samples pin voltage
REGISTER 22-6:
AD1CSSL: A/D INPUT SCAN SELECT REGISTER (LOW)
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
—
—
—
CSSL12
CSSL11
CSSL10
—
—
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented:
Read as ‘0’
bit 12-10
CSSL<12:10>:
A/D Input Pin Scan Selection bits
1
= Corresponding analog channel selected for input scan
0
= Analog channel omitted from input scan
bit 9-6
Unimplemented:
Read as ‘0’
bit 5-0
CSSL<5:0>:
A/D Input Pin Scan Selection bits
1
= Corresponding analog channel selected for input scan
0
= Analog channel omitted from input scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com