Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 187Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 188Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 189Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 190Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 191Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 192Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 193Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 194Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 189
PIC24F16KA102 FAMILY
26.0
SPECIAL FEATURES
PIC24F16KA102 family devices include several
features intended to maximize application flexibility and
reliability, and minimize cost through elimination of
external components. These are:
• Flexible Configuration
• Watchdog Timer (WDT)
• Code Protection
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Emulation
26.1
Configuration Bits
The Configuration bits can be programmed (read as ‘0’),
or left unprogrammed (read as ‘1’), to select various
device configurations. These bits are mapped starting at
program memory location, F80000h. A complete list is
provided in Table 26-1. A detailed explanation of the
various bit functions is provided in Register 26-1 through
Register 26-8.
The address, F80000h, is beyond the user program
memory space. In fact, it belongs to the configuration
memory space (800000h-FFFFFFh), which can only be
accessed using table reads and table writes.
TABLE 26-1:
CONFIGURATION REGISTERS
LOCATIONS
REGISTER 26-1:
FBS: BOOT SEGMENT CONFIGURATION REGISTER
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Watchdog
Timer,
High-Level
Device
Integration and Programming Diagnostics,
refer to the individual sections of the
“PIC24F
Family
Reference
Manual”
provided below
:
• Section 9. “Watchdog Timer (WDT)”
(DS39697)
• Section 36. “High-Level Integration
with Programmable High/Low-Voltage
Detect (HLVD)”
(DS39725)
• Section 33. “Programming and
Diagnostics”
(DS39716)
Configuration
Register
Address
FBS
F80000
FGS
F80004
FOSCSEL
F80006
FOSC
F80008
FWDT
F8000A
FPOR
F8000C
FICD
F8000E
FDS
F80010
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
—
BSS2
BSS1
BSS0
BWRP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented:
Read as ‘0’
bit 3-1
BSS<2:0>:
Boot Segment Program Flash Code Protection bits
111
= No boot program Flash segment
011
= Reserved
110
= Standard security, boot program Flash segment starts at 200h, ends at 000AFEh
010
= High security boot program Flash segment starts at 200h, ends at 000AFEh
101
= Standard security, boot program Flash segment starts at 200h, ends at 0015FEh(1)
001
= High security, boot program Flash segment starts at 200h, ends at 0015FEh(1)
100
= Reserved
000
= Reserved
bit 0
BWRP:
Boot Segment Program Flash Write Protection bit
1
= Boot segment may be written
0
= Boot segment is write-protected
Note 1:
This selection should not be used in PIC24F08KA1XX devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com