Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 189Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 190Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 191Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 192Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 193Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 194Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 195Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 196Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 191
PIC24F16KA102 FAMILY
REGISTER 26-4:
FOSC: OSCILLATOR CONFIGURATION REGISTER
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
FCKSM1
FCKSM0
SOSCSEL POSCFREQ1 POSCFREQ0 OSCIOFNC POSCMD1
POSCMD0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
FCKSM<1:0>:
Clock Switching and Monitor Selection Configuration bits
1x
= Clock switching is disabled, Fail-Safe Clock Monitor is disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching is enabled, Fail-Safe Clock Monitor is enabled
bit 5
SOSCSEL:
Secondary Oscillator Select Bit
1
= Secondary oscillator configured for high-power operation
0
= Secondary oscillator configured for low-power operation
bit 4-3
POSCFREQ<1:0>:
Primary Oscillator Frequency Range Configuration bits
11
= Primary oscillator/external clock input frequency greater than 8 MHz
10
= Primary oscillator/external clock input frequency between 100 kHz and 8 MHz
01
= Primary oscillator/external clock input frequency less than 100 kHz
00
= Reserved; do not use
bit 2
OSCIOFNC:
CLKO Enable Configuration bit
1
= CLKO output signal active on the OSCO pin; primary oscillator must be disabled or configured for
the External Clock mode (EC) for the CLKO to be active (POSCMD<1:0> = 11 or 00)
0
= CLKO output disabled
bit 1-0
POSCMD<1:0>:
Primary Oscillator Configuration bits
11
= Primary oscillator disabled
10
= HS oscillator mode selected
01
= XT oscillator mode selected
00
= External clock mode selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com