Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 149Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 150Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 151Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 152Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 153Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 154Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 155Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 156Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 151
PIC16F193X/LF193X
13.0
DIGITAL-TO-ANALOG
CONVERTER (DAC) MODULE
The Digital-to-Analog Converter supplies a variable
voltage reference, ratiometric with VDD, with 32 select-
able output levels. The output of the DAC can be con-
figured to supply a reference voltage to the following:
• Comparator positive input
• ADC input channel
• DACOUT device pin
The Digital-to-Analog Converter (DAC) can be enabled
by setting the DACEN bit of the DACCON0 register.
13.1
Output Voltage Selection
The DAC has 32 voltage level ranges. The 32 levels
are set with the DACR<4:0> bits of the DACCON1
register.
The DAC output voltage is determined by the following
equations:
EQUATION 13-1:
13.2
Output Clamped to VSS
The DAC output voltage can be set to Vss with no
power consumption by setting the DACEN bit of the
DACCON0 register to ‘0’: This allows the comparator to
detect a zero-crossing while not consuming additional
current from the DAC.
13.3
Output Ratiometric to VDD
The DAC is VDD derived and therefore, the DAC output
changes with fluctuations in VDD. The tested absolute
accuracy of the DAC can be found in Section 28.0
“Electrical Specifications”.
13.4
Voltage Reference Output
The DAC can be output to the device DACOUT pin by
setting the DACOE bit of the DACCON0 register to ‘1’.
Selecting the reference voltage for output on the
DACOUT pin automatically overrides the digital output
buffer and digital input threshold detector functions of
that pin. Reading the DACOUT pin when it has been
configured for reference voltage output will always
return a ‘0’.
Due to the limited current drive capability, a buffer must
be used on the voltage reference output for external
connections to DACOUT. Figure 13-1 shows an exam-
ple buffering technique.
13.5
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the DACCON0 register are not affected. To minimize
current consumption in Sleep mode, the voltage
reference should be disabled.
13.6
Effects of a Reset
A device Reset affects the following:
• Voltage reference is disabled
• Fixed voltage reference is disabled
• DAC is removed from the DACOUT pin
• The DACR<4:0> range select bits are cleared
VOUT
VSOURCE+VSOURCE-
–
() DACR<4:0>
25
∧
-------------------------------
×
⎝⎠
⎛⎞
=
+ VSOURCE-
VSOURCE+ = VDD, VREF+ or FVR1
VSOURCE+ = VSS or VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com