Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 153Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 154Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 155Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 156Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 157Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 158Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 159Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 160Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 155
PIC16F193X/LF193X
14.0
FIXED VOLTAGE REFERENCE
The Fixed Voltage Reference, or FVR, is a stable
voltage reference, independent of VDD, with 1.024V,
2.048V or 4.096V selectable output levels. The output
of the FVR can be configured to supply a reference
voltage to the following:
• ADC input channel
• ADC positive reference
• Comparator positive input
• Programmable voltage reference
• LCD bias generator
The FVR can be enabled by setting the FVREN bit of
the FVRCON register.
14.1
Independent Gain Amplifiers
The output of the FVR supplied to the ADC and
comparator
modules
is
routed
through
two
independent programmable gain amplifiers. Each
amplifier can be configured to amplify the reference
voltage by 1x, 2x or 4x.
The ADFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the ADC module. Refer-
ence
Section 11.0
“Analog-to-Digital
Converter
(ADC) Module” for additional information on selecting
the appropriate input channel.
The CDAFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the comparator module.
Reference Section 12.0 “Comparator Module” for
additional information on selecting the appropriate
input channel.
14.2
FVR Stabilization Period
When the fixed voltage reference module is enabled, it
requires time for the reference and amplifier circuits to
stabilize. Once the circuits stabilize and are ready for use,
the FVRRDY bit of the FVRCON register will be set. See
Section 28.0
“Electrical
Specifications”
for
the
minimum delay requirement.
FIGURE 14-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
FIGURE 14-2:
VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE
ADFVR<1:0>
CDAFVR<1:0>
X
1
X
2
X
4
X
1
X
2
X
4
2
2
FVR_BUFFER1
(To ADC Module)
FVR_BUFFER2
(To Comparators, DAC)
FVR_VREF
(To LCD Bias Generator)
+
_
FVREN
FVRRDY
1.024V Fixed
Reference
Buffered CVREF Output
+
–
CVREF
Module
Voltage
Reference
Output
Impedance
R
CVREF
PIC16F193X/
PIC16LF193X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com